Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 12Page - Renesas Technology Corp HD6473637SW Datasheet HTML 13Page - Renesas Technology Corp HD6473637SW Datasheet HTML 14Page - Renesas Technology Corp HD6473637SW Datasheet HTML 15Page - Renesas Technology Corp HD6473637SW Datasheet HTML 16Page - Renesas Technology Corp HD6473637SW Datasheet HTML 17Page - Renesas Technology Corp HD6473637SW Datasheet HTML 18Page - Renesas Technology Corp HD6473637SW Datasheet HTML 19Page - Renesas Technology Corp HD6473637SW Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 418 page
background image
2
Table 1.1
Features
Item
Description
CPU
High-speed H8/300L CPU
• General-register architecture
 General registers: Sixteen 8-bit registers (can be used as eight 16-bit
registers)
• Operating speed
 Max. operating speed: 5 MHz
 Add/subtract: 0.4 µs (operating at ø= 5 MHz)
 Multiply/divide: 2.8 µs (operating at ø= 5 MHz)
 Can run on 32.768 kHz subclock
• Instruction set compatible with H8/300 CPU
 Instruction length of 2 bytes or 4 bytes
 Basic arithmetic operations between registers
 MOV instruction for data transfer between memory and registers
• Instruction features
 Multiply (8 bits × 8 bits)
 Divide (16 bits ÷ 8 bits)
 Bit accumulator
 Register-indirect designation of bit position
Interrupts
30 interrupt sources
• 13 external interrupt sources: IRQ
4 to IRQ 0, WKP 7 to WKP0
• 17 internal interrupt sources
Clock pulse
generators
Two on-chip clock pulse generators
• System clock pulse generator: 1 MHz to 10 MHz
• Subclock pulse generator: 32.768 kHz
Power-down
modes
Six power-down modes
• Sleep mode
• Standby mode
• Watch mode
• Subsleep mode
• Subactive mode
• Active (medium-speed) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com