Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 27Page - Renesas Technology Corp HD6473637SW Datasheet HTML 28Page - Renesas Technology Corp HD6473637SW Datasheet HTML 29Page - Renesas Technology Corp HD6473637SW Datasheet HTML 30Page - Renesas Technology Corp HD6473637SW Datasheet HTML 31Page - Renesas Technology Corp HD6473637SW Datasheet HTML 32Page - Renesas Technology Corp HD6473637SW Datasheet HTML 33Page - Renesas Technology Corp HD6473637SW Datasheet HTML 34Page - Renesas Technology Corp HD6473637SW Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 418 page
background image
17
2.2.3
Initial Register Values
When the CPU is reset, the program counter (PC) is initialized to the value stored at address
H'0000 in the vector table, and the I bit in the CCR is set to 1. The other CCR bits and the general
registers are not initialized. In particular, the stack pointer (R7) is not initialized. R7 initialization
should therefore be carried out immediately after a reset.
2.3
Data Formats
The H8/300L CPU can process 1-bit data, 4-bit (BCD) data, 8-bit (byte) data, and 16-bit (word)
data.
Bit manipulation instructions operate on 1-bit data specified as bit n in a byte operand
(n = 0, 1, 2, ..., 7).
All arithmetic and logic instructions except ADDS and SUBS can operate on byte data.
The MOV.W, ADD.W, SUB.W, CMP.W, ADDS, SUBS, MULXU (8 bits
× 8 bits), and DIVXU
(16 bits
÷ 8 bits) instructions operate on word data.
The DAA and DAS instructions perform decimal arithmetic adjustments on byte data in two-digit
4-bit BCD form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com