Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 72Page - Renesas Technology Corp HD6473637SW Datasheet HTML 73Page - Renesas Technology Corp HD6473637SW Datasheet HTML 74Page - Renesas Technology Corp HD6473637SW Datasheet HTML 75Page - Renesas Technology Corp HD6473637SW Datasheet HTML 76Page - Renesas Technology Corp HD6473637SW Datasheet HTML 77Page - Renesas Technology Corp HD6473637SW Datasheet HTML 78Page - Renesas Technology Corp HD6473637SW Datasheet HTML 79Page - Renesas Technology Corp HD6473637SW Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 418 page
background image
62
Bit 3—IRQ
3 Edge Select(IEG3): Bit 3 selects the input sensing of pin IRQ3/TMIF.
Bit 3: IEG3
Description
0
Falling edge of
IRQ
3/TMIF pin input is detected
(initial value)
1
Rising edge of
IRQ
3/TMIF pin input is detected
Bit 2—IRQ
2 Edge Select(IEG2): Bit 2 selects the input sensing of pin IRQ2/TMCIY.
Bit 2: IEG2
Description
0
Falling edge of
IRQ
2/TMCIY pin input is detected
(initial value)
1
Rising edge of
IRQ
2/TMCIY pin input is detected
Bit 1—IRQ
1 Edge Select(IEG1): Bit 1 selects the input sensing of pin IRQ1.
Bit 1: IEG1
Description
0
Falling edge of
IRQ
1 pin input is detected
(initial value)
1
Rising edge of
IRQ
1 pin input is detected
Bit 0—IRQ
0 Edge Select(IEG0): Bit 0 selects the input sensing of pin IRQ0.
Bit 0: IEG0
Description
0
Falling edge of
IRQ
0 pin input is detected
(initial value)
1
Rising edge of
IRQ
0 pin input is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com