Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 80Page - Renesas Technology Corp HD6473637SW Datasheet HTML 81Page - Renesas Technology Corp HD6473637SW Datasheet HTML 82Page - Renesas Technology Corp HD6473637SW Datasheet HTML 83Page - Renesas Technology Corp HD6473637SW Datasheet HTML 84Page - Renesas Technology Corp HD6473637SW Datasheet HTML 85Page - Renesas Technology Corp HD6473637SW Datasheet HTML 86Page - Renesas Technology Corp HD6473637SW Datasheet HTML 87Page - Renesas Technology Corp HD6473637SW Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 418 page
background image
70
3.3.4
Internal Interrupts
There are 17 internal interrupts that can be requested by the on-chip peripheral modules. When a
peripheral module requests an interrupt, the corresponding bit in IRR1 or IRR2 is set to 1.
Individual interrupt requests can be disabled by clearing the corresponding bit in IENR1 or IENR2
to 0. All interrupts can be masked by setting the I bit in CCR to 1. When an internal interrupt
request is accepted, the I bit in CCR is set to 1. Vector numbers 10 to 20 are assigned to these
interrupts. Table 3.2 shows the order of priority of interrupts from on-chip peripheral modules.
3.3.5
Interrupt Operations
Interrupts are controlled by an interrupt controller. Figure 3.2 shows a block diagram of the
interrupt controller. Figure 3.3 shows the flow up to interrupt acceptance.
Interrupt controller
Interrupt
request
CCR (CPU)
I
External or
internal
interrupts
External
interrupts or
internal
interrupt
enable
signals
Figure 3.2 Block Diagram of Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com