Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 87Page - Renesas Technology Corp HD6473637SW Datasheet HTML 88Page - Renesas Technology Corp HD6473637SW Datasheet HTML 89Page - Renesas Technology Corp HD6473637SW Datasheet HTML 90Page - Renesas Technology Corp HD6473637SW Datasheet HTML 91Page - Renesas Technology Corp HD6473637SW Datasheet HTML 92Page - Renesas Technology Corp HD6473637SW Datasheet HTML 93Page - Renesas Technology Corp HD6473637SW Datasheet HTML 94Page - Renesas Technology Corp HD6473637SW Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 418 page
background image
77
When an external interrupt pin function is switched by rewriting the port mode register that
controls these pins (
IRQ
4 to IRQ0, and WKP7 to WKP0), the interrupt request flag may be set to 1
at the time the pin function is switched, even if no valid interrupt is input at the pin. Be sure to
clear the interrupt request flag to 0 after switching pin functions. Table 3.5 shows the conditions
under which interrupt request flags are set to 1 in this way.
Table 3.5
Conditions under which Interrupt Request Flag is Set to 1
Interrupt Request
Flags Set to 1
Conditions
IRR1
IRRI4
• When PMR2 bit IRQ4 is changed from 0 to 1 while pin IRQ
4 is low and
IEGR bit IEG4 = 0.
• When PMR2 bit IRQ4 is changed from 1 to 0 while pin IRQ
4 is low and
IEGR bit IEG4 = 1.
IRRI3
• When PMR1 bit IRQ3 is changed from 0 to 1 while pin IRQ
3 is low and
IEGR bit IEG3 = 0.
• When PMR1 bit IRQ3 is changed from 1 to 0 while pin IRQ
3 is low and
IEGR bit IEG3 = 1.
IRRI2
• When PMR1 bit IRQ2 is changed from 0 to 1 while pin IRQ
2 is low and
IEGR bit IEG2 = 0.
• When PMR1 bit IRQ2 is changed from 1 to 0 while pin IRQ
2 is low and
IEGR bit IEG2 = 1.
IRRI1
• When PMR1 bit IRQ1 is changed from 0 to 1 while pin IRQ
1 is low and
IEGR bit IEG1 = 0.
• When PMR1 bit IRQ1 is changed from 1 to 0 while pin IRQ
1 is low and
IEGR bit IEG1 = 1.
IRRI0
• When PMR2 bit IRQ0 is changed from 0 to 1 while pin IRQ
0 is low and
IEGR bit IEG0 = 0.
• When PMR2 bit IRQ0 is changed from 1 to 0 while pin IRQ
0 is low and
IEGR bit IEG0 = 1.
IWPR
IWPF7
When PMR5 bit WKP7 is changed from 0 to 1 while pin
WKP
7 is low
IWPF6
When PMR5 bit WKP6 is changed from 0 to 1 while pin
WKP
6 is low
IWPF5
When PMR5 bit WKP5 is changed from 0 to 1 while pin
WKP
5 is low
IWPF4
When PMR5 bit WKP4 is changed from 0 to 1 while pin
WKP
4 is low
IWPF3
When PMR5 bit WKP3 is changed from 0 to 1 while pin
WKP
3 is low
IWPF2
When PMR5 bit WKP2 is changed from 0 to 1 while pin
WKP
2 is low
IWPF1
When PMR5 bit WKP1 is changed from 0 to 1 while pin
WKP
1 is low
IWPF0
When PMR5 bit WKP0 is changed from 0 to 1 while pin
WKP
0 is low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com