Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 13Page - Renesas Technology Corp HD6473637SW Datasheet HTML 14Page - Renesas Technology Corp HD6473637SW Datasheet HTML 15Page - Renesas Technology Corp HD6473637SW Datasheet HTML 16Page - Renesas Technology Corp HD6473637SW Datasheet HTML 17Page - Renesas Technology Corp HD6473637SW Datasheet HTML 18Page - Renesas Technology Corp HD6473637SW Datasheet HTML 19Page - Renesas Technology Corp HD6473637SW Datasheet HTML 20Page - Renesas Technology Corp HD6473637SW Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 418 page
background image
3
Table 1.1
Features (cont)
Item
Description
Memory
Large on-chip memory
• H8/3637S:
60-kbyte ROM, 2-kbyte RAM
• H8/3636S:
48-kbyte ROM, 2-kbyte RAM
• H8/3635S:
40-kbyte ROM, 2-kbyte RAM
I/O ports
66 I/O ports
• I/O pins: 61
• Input pins: 5
Timers
Five on-chip timers
• Timer A: 8-bit timer with built-in interval/watch clock time base function
 Count-up timer with selection of eight internal clock signals divided from
the system clock (ø)* and four clock signals divided from the watch
clock (ø
w)*
• Timer F: 16-bit timer with built-in output compare function
 Can be used as two independent 8-bit timers.
 Count-up timer with selection of four internal clock signals or event
input from external pin
 Compare-match function with toggle output
• Timer G: 8-bit timer with built-in input capture/interval functions
 Count-up timer with selection of four internal clock signals
 Input capture function with built-in noise canceller circuit
• Timer Y: 16-bit timer with built-in interval/auto-reload functions
 Count-up timer with selection of seven internal clocks or event input
from external pin
 Auto-reload function
• Watchdog timer
 Reset signal generated on 8-bit timer overflow
Serial
communication
interface
Two serial communication interface channels on chip
• SCI1: synchronous serial interface
 Choice of 8-bit or 16-bit data transfer
• SCI3: 8-bit synchronous or asynchronous serial interface
 Built-in function for multiprocessor communication
Note: * ø and ø
w are defined in section 4, Clock Pulse Generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com