Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 76Page - Renesas Technology Corp HD6473637SW Datasheet HTML 77Page - Renesas Technology Corp HD6473637SW Datasheet HTML 78Page - Renesas Technology Corp HD6473637SW Datasheet HTML 79Page - Renesas Technology Corp HD6473637SW Datasheet HTML 80Page - Renesas Technology Corp HD6473637SW Datasheet HTML 81Page - Renesas Technology Corp HD6473637SW Datasheet HTML 82Page - Renesas Technology Corp HD6473637SW Datasheet HTML 83Page - Renesas Technology Corp HD6473637SW Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 418 page
background image
66
Bit 6—SCI1 Interrupt Request Flag (IRRS1)
Bit 6: IRRS1
Description
0
[Clearing conditions]
(initial value)
When IRRS1 = 1, it is cleared by writing 0
1
[Setting conditions]
When an SCI1 transfer is completed
Bit 5—Reserved Bit: Bit 5 is reserved; it is always read as 1, and cannot be modified.
Bits 4 to 0—IRQ
4 to IRQ0 Interrupt Request Flags (IRRI4 to IRRI0)
Bits 4 to 0:
IRRI4 to IRRI0
Description
0
[Clearing conditions]
(initial value)
When IRRIn = 1, it is cleared by writing 0 to IRRIn.
1
[Setting conditions]
IRRIn is set when pin
IRQ
n is set to interrupt input, and the designated signal
edge is detected.
(n = 4 to 0)
Interrupt Request Register 2 (IRR2)
Bit
76543210
IRRDT
IRRAD
—
IRRTG
IRRTFH
IRRTFL
IRRTY
IRRTYC
Initial value
00000001
Read/Write
R/W*
R/W*
—
R/W*
R/W*
R/W*
RW*
Note: * Only a write of 0 for flag clearing is possible.
IRR2 is an 8-bit register containing direct transfer, A/D converter, timer G, timer FH, timer FL,
and timer Y interrupt flags. When a direct transfer, A/D converter, timer G, timer FH, timer FL, or
timer Y interrupt is requested, the corresponding flag is set to 1. The flags are not cleared
automatically when an interrupt is accepted. It is necessary to write 0 to clear each flag. However,
the timer Y interrupt request flag (IRRTY) is cleared by writing 0 to bit 0 (IRRTYC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com