| Electronic Components Datasheet Search |
|
HD6473637SW Datasheet(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6473637SW Datasheet(HTML) 90 Page - Renesas Technology Corp |
|
90 / 418 page ![]() 76 3.4 Application Notes 3.4.1 Notes on Stack Area Use When word data is accessed in the H8/3637S Series, the least significant bit of the address is regarded as 0. Access to the stack always takes place in word size, so the stack pointer (SP: R7) should never indicate an odd address. Use PUSH Rn (MOV.W Rn, @–SP) or POP Rn (MOV.W @SP+, Rn) to save or restore register values. Setting an odd address in SP may cause a program to crash. An example is shown in figure 3.6. PC PC R1L PC SP SP SP H'FEFC H'FEFD H'FEFF → → → H L L MOV. B R1L, @–R7 SP set to H'FEFF Stack accessed beyond SP BSR instruction Contents of PC are lost H Legend: PCH: PCL: R1L: SP: Upper byte of program counter Lower byte of program counter General register R1L Stack pointer Figure 3.6 Operation when Odd Address is Set in SP When CCR contents are saved to the stack during interrupt exception handling or restored when RTE is executed, this also takes place in word size. Both the upper and lower bytes of word data are saved to the stack; on return, the even address contents are restored to CCR while the odd address contents are ignored. 3.4.2 Notes on Rewriting Port Mode Registers When a port mode register is rewritten to switch the functions of external interrupt pins, the following points should be observed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |