Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 41Page - Renesas Technology Corp HD6473637SW Datasheet HTML 42Page - Renesas Technology Corp HD6473637SW Datasheet HTML 43Page - Renesas Technology Corp HD6473637SW Datasheet HTML 44Page - Renesas Technology Corp HD6473637SW Datasheet HTML 45Page - Renesas Technology Corp HD6473637SW Datasheet HTML 46Page - Renesas Technology Corp HD6473637SW Datasheet HTML 47Page - Renesas Technology Corp HD6473637SW Datasheet HTML 48Page - Renesas Technology Corp HD6473637SW Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 418 page
background image
31
2.5.3
Logic Operations
Table 2.6 describes the four instructions that perform logic operations.
Table 2.6
Logic Operation Instructions
Instruction
Size*
Function
AND
B
Rd
∧ Rs → Rd, Rd ∧ #IMM → Rd
Performs a logical AND operation on a general register and another
general register or immediate data
OR
B
Rd
∨ Rs → Rd, Rd ∨ #IMM → Rd
Performs a logical OR operation on a general register and another
general register or immediate data
XOR
B
Rd
⊕ Rs → Rd, Rd ⊕ #IMM → Rd
Performs a logical exclusive OR operation on a general register and
another general register or immediate data
NOT
B
~ Rd
→ Rd
Obtains the one’s complement (logical complement) of general
register contents
Note: * Size: Operand size
B: Byte
2.5.4
Shift Operations
Table 2.7 describes the eight shift instructions.
Table 2.7
Shift Instructions
Instruction
Size*
Function
SHAL
SHAR
B
Rd shift
→ Rd
Performs an arithmetic shift operation on general register contents
SHLL
SHLR
B
Rd shift
→ Rd
Performs a logical shift operation on general register contents
ROTL
ROTR
B
Rd rotate
→ Rd
Rotates general register contents
ROTXL
ROTXR
B
Rd rotate through carry
→ Rd
Rotates general register contents through the C (carry) bit
Note: * Size: Operand size
B: Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com