Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 83Page - Renesas Technology Corp HD6473637SW Datasheet HTML 84Page - Renesas Technology Corp HD6473637SW Datasheet HTML 85Page - Renesas Technology Corp HD6473637SW Datasheet HTML 86Page - Renesas Technology Corp HD6473637SW Datasheet HTML 87Page - Renesas Technology Corp HD6473637SW Datasheet HTML 88Page - Renesas Technology Corp HD6473637SW Datasheet HTML 89Page - Renesas Technology Corp HD6473637SW Datasheet HTML 90Page - Renesas Technology Corp HD6473637SW Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 418 page
background image
73
PC and CCR
saved to stack
SP (R7)
SP – 1
SP – 2
SP – 3
SP – 4
Stack area
SP + 4
SP + 3
SP + 2
SP + 1
SP (R7)
Even address
Prior to start of interrupt
exception handling
After completion of interrupt
exception handling
Legend:
PCH:
PCL:
CCR:
SP:
Upper 8 bits of program counter (PC)
Lower 8 bits of program counter (PC)
Condition code register
Stack pointer
* Ignored on return from interrupt.
Notes:
CCR
CCR*
PCH
PCL
1.
2.
PC shows the address of the first instruction to be executed upon
return from the interrupt handling routine.
Register contents must always be saved and restored by word access,
starting from an even-numbered address.
Figure 3.4 Stack State after Completion of Interrupt Exception Handling
Figure 3.5 shows a typical interrupt sequence where the program area is in the on-chip ROM and
the stack area is in the on-chip RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com