Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 77Page - Renesas Technology Corp HD6473637SW Datasheet HTML 78Page - Renesas Technology Corp HD6473637SW Datasheet HTML 79Page - Renesas Technology Corp HD6473637SW Datasheet HTML 80Page - Renesas Technology Corp HD6473637SW Datasheet HTML 81Page - Renesas Technology Corp HD6473637SW Datasheet HTML 82Page - Renesas Technology Corp HD6473637SW Datasheet HTML 83Page - Renesas Technology Corp HD6473637SW Datasheet HTML 84Page - Renesas Technology Corp HD6473637SW Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 418 page
background image
67
Bit 7—Direct Transfer Interrupt Request Flag (IRRDT)
Bit 7: IRRDT
Description
0
[Clearing conditions]
(initial value)
When IRRDT = 1, it is cleared by writing 0
1
[Setting conditions]
When DTON = 1 and a direct transfer is made immediately after a SLEEP
instruction is executed
Bit 6—A/D Converter Interrupt Request Flag (IRRAD)
Bit 6: IRRAD
Description
0
[Clearing conditions]
(initial value)
When IRRAD = 1, it is cleared by writing 0
1
[Setting conditions]
When A/D conversion is completed and ADSF is reset
Bit 5—Reserved Bit: Bit 5 is reserved: it is always read as 0, and should be used cleared to 0.
Bit 4—Timer G Interrupt Request Flag (IRRTG)
Bit 4: IRRTG
Description
0
[Clearing conditions]
(initial value)
When IRRTG = 1, it is cleared by writing 0
1
[Setting conditions]
When pin TMIG is set to TMIG input and the designated signal edge is
detected, or when TCG overflows (from H’FF to H’00) while TMG OVIE is set
to 1
Bit 3—Timer FH Interrupt Request Flag (IRRTFH)
Bit 3: IRRTFH
Description
0
[Clearing conditions]
(initial value)
When IRRTFH = 1, it is cleared by writing 0
1
[Setting conditions]
When counter FH matches output compare register FH in 8-bit timer mode, or
when 16-bit counter F (TCFL, TCFH) matches output compare register F
(OCRFL, OCRFH) in 16-bit timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com