Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 93Page - Renesas Technology Corp HD6473637SW Datasheet HTML 94Page - Renesas Technology Corp HD6473637SW Datasheet HTML 95Page - Renesas Technology Corp HD6473637SW Datasheet HTML 96Page - Renesas Technology Corp HD6473637SW Datasheet HTML 97Page - Renesas Technology Corp HD6473637SW Datasheet HTML 98Page - Renesas Technology Corp HD6473637SW Datasheet HTML 99Page - Renesas Technology Corp HD6473637SW Datasheet HTML 100Page - Renesas Technology Corp HD6473637SW Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 418 page
background image
83
4.3
Subclock Generator
Connecting a 32.768-kHz Crystal Oscillator: Clock pulses can be supplied to the subclock
divider by connecting a 32.768-kHz crystal oscillator, as shown in figure 4.7. Follow the same
precautions as noted in 4.2, Notes on Board Design.
X
X
C1
C2
1
2
C = C
= 15 pF (typ.)
12
Figure 4.7 Typical Connection to 32.768-kHz Crystal Oscillator
Figure 4.8 shows the equivalent circuit of the 32.768-kHz crystal oscillator.
CS
C0
LRS
X1
X2
C = 1.5 pF typ
R = 14 k
typ
f
= 32.768 kHz
Crystal oscillator: MX38T
(Nihon Denpa Kogyo)
0
S
W
Ω
S
Figure 4.8 Equivalent Circuit of 32.768-kHz Crystal Oscillator
Pin Connection when Not Using Subclock: When the subclock is not used, connect pin X
1 to
V
CC and leave pin X2 open, as shown in figure 4.9.
X
X
1
2
VCC
Open
Figure 4.9 Pin Connection when not Using Subclock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com