Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 97Page - Renesas Technology Corp HD6473637SW Datasheet HTML 98Page - Renesas Technology Corp HD6473637SW Datasheet HTML 99Page - Renesas Technology Corp HD6473637SW Datasheet HTML 100Page - Renesas Technology Corp HD6473637SW Datasheet HTML 101Page - Renesas Technology Corp HD6473637SW Datasheet HTML 102Page - Renesas Technology Corp HD6473637SW Datasheet HTML 103Page - Renesas Technology Corp HD6473637SW Datasheet HTML 104Page - Renesas Technology Corp HD6473637SW Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 418 page
background image
87
Section 5 Power-Down Modes
5.1
Overview
The H8/3637S Series has seven modes of operation after a reset. These include six power-down
modes, in which power dissipation is significantly reduced.
Table 5.1 gives a summary of the seven operation modes.
Table 5.1
Operation Modes
Operating Mode
Description
Active (high-speed) mode
The CPU runs on the system clock, executing program
instructions at high speed
Active (medium-speed) mode
The CPU runs on the system clock, executing program
instructions at reduced speed
Subactive mode
The CPU runs on the subclock, executing program instructions
at reduced speed
Sleep mode
The CPU halts. On-chip peripheral modules continue to operate
on the system clock.
Subsleep mode
The CPU halts. Timer A, and timer G, continue to operate on
the subclock.
Watch mode
The CPU halts. The time-base function of Timer A continues to
operate on the subclock.
Standby mode
The CPU and all on-chip peripheral modules stop operating
All but the active (high-speed) mode are power-down modes.
In this section the two active modes (high-speed and medium-speed) are referred to collectively as
active mode.
Figure 5.1 shows the transitions among these operation modes. Table 5.2 indicates the internal
states in each mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com