Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 78Page - Renesas Technology Corp HD6473637SW Datasheet HTML 79Page - Renesas Technology Corp HD6473637SW Datasheet HTML 80Page - Renesas Technology Corp HD6473637SW Datasheet HTML 81Page - Renesas Technology Corp HD6473637SW Datasheet HTML 82Page - Renesas Technology Corp HD6473637SW Datasheet HTML 83Page - Renesas Technology Corp HD6473637SW Datasheet HTML 84Page - Renesas Technology Corp HD6473637SW Datasheet HTML 85Page - Renesas Technology Corp HD6473637SW Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 418 page
background image
68
Bit 2—Timer FL Interrupt Request Flag (IRRTFL)
Bit 2: IRRTFL
Description
0
[Clearing conditions]
(initial value)
When IRRTFL = 1, it is cleared by writing 0
1
[Setting conditions]
When counter FL matches output compare register FL in 8-bit timer mode
Bit 1—Timer Y Interrupt Request Flag (IRRTY)
Bit 1: IRRTY
Description
0
[Clearing conditions]
(initial value)
When IRRTY is 1, it is cleared by writing 0 to IRRTYC
1
[Setting conditions]
When the timer Y counter value overflows (from H’FFFF to H’0000)
Note:
This bit is read-only. It is cleared by writing 0 to bit 0 (IRRTYC).
Bit 0—Timer Y Interrupt Request Clear Flag (IRRTYC): Bit 0 is a special bit for clearing
the IRRTY interrupt request flag. Writing 0 to this bit clears bit 1 (IRRTY) to 0. Note that
writing 0 to this bit does not give the bit itself a value of 0.
Bit 0 is always read as 1, and only a write of 0 to this bit is valid.
Wakeup Interrupt Request Register (IWPR)
Bit
76543210
IWPF7
IWPF6
IWPF5
IWPF4
IWPF3
IWPF2
IWPF1
IWPF0
Initial value
00000000
Read/Write
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
R/W*
Note: * Only a write of 0 for flag clearing is possible.
IWPR is an 8-bit read/write register, in which the corresponding bit is set to 1 when pins
WKP
7 to
WKP
0 are set to wakeup input and a pin receives a falling edge input. The flags are not cleared
automatically when an interrupt is accepted. It is necessary to write 0 to clear each flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com