Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 88Page - Renesas Technology Corp HD6473637SW Datasheet HTML 89Page - Renesas Technology Corp HD6473637SW Datasheet HTML 90Page - Renesas Technology Corp HD6473637SW Datasheet HTML 91Page - Renesas Technology Corp HD6473637SW Datasheet HTML 92Page - Renesas Technology Corp HD6473637SW Datasheet HTML 93Page - Renesas Technology Corp HD6473637SW Datasheet HTML 94Page - Renesas Technology Corp HD6473637SW Datasheet HTML 95Page - Renesas Technology Corp HD6473637SW Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 418 page
background image
78
Figure 3.7 shows the procedure for setting a bit in a port mode register and clearing the interrupt
request flag.
When switching a pin function, mask the interrupt before setting the bit in the port mode register.
After accessing the port mode register, execute at least one instruction (e.g., NOP), then clear the
interrupt request flag from 1 to 0. If the instruction to clear the flag is executed immediately after
the port mode register access without executing an intervening instruction, the flag will not be
cleared.
An alternative method is to avoid the setting of interrupt request flags when pin functions are
switched by keeping the pins at the high level so that the conditions in table 3.5 do not occur.
CCR I bit
1
Set port mode register bit
Execute NOP instruction
Interrupts masked. (Another possibility
is to disable the relevant interrupt in
interrupt enable register 1.)
After setting the port mode register bit,
first execute at least one instruction
(e.g., NOP), then clear the interrupt
request flag to 0
Interrupt mask cleared
Clear interrupt request flag to 0
←
CCR I bit
0
←
Figure 3.7 Port Mode Register Setting and Interrupt Request Flag
Clearing Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com