Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 54Page - Renesas Technology Corp HD6473637SW Datasheet HTML 55Page - Renesas Technology Corp HD6473637SW Datasheet HTML 56Page - Renesas Technology Corp HD6473637SW Datasheet HTML 57Page - Renesas Technology Corp HD6473637SW Datasheet HTML 58Page - Renesas Technology Corp HD6473637SW Datasheet HTML 59Page - Renesas Technology Corp HD6473637SW Datasheet HTML 60Page - Renesas Technology Corp HD6473637SW Datasheet HTML 61Page - Renesas Technology Corp HD6473637SW Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 418 page
background image
44
T1 state
Bus cycle
Internal
address bus
Internal
read signal
Internal
data bus
(read access)
Internal
write signal
Read data
Address
Internal
data bus
(write access)
T2 state
T3 state
Write data
SUB
ø or ø
Figure 2.13 On-Chip Peripheral Module Access Cycle (3-State Access)
2.7
CPU States
2.7.1
Overview
There are four CPU states: the reset state, program execution state, program halt state, and
exception-handling state. The program execution state includes active (high-speed or medium-
speed) mode and subactive mode. In the program halt state there are a sleep mode, standby mode,
watch mode, and sub-sleep mode. These states are shown in figure 2.14.
Figure 2.15 shows the state transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com