Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 23Page - Renesas Technology Corp HD6473637SW Datasheet HTML 24Page - Renesas Technology Corp HD6473637SW Datasheet HTML 25Page - Renesas Technology Corp HD6473637SW Datasheet HTML 26Page - Renesas Technology Corp HD6473637SW Datasheet HTML 27Page - Renesas Technology Corp HD6473637SW Datasheet HTML 28Page - Renesas Technology Corp HD6473637SW Datasheet HTML 29Page - Renesas Technology Corp HD6473637SW Datasheet HTML 30Page - Renesas Technology Corp HD6473637SW Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 418 page
background image
13
Section 2 CPU
2.1
Overview
The H8/300L CPU has sixteen 8-bit general registers, which can also be paired as eight 16-bit
registers. Its concise, optimized instruction set is designed for high-speed operation.
2.1.1
Features
Features of the H8/300L CPU are listed below.
• General-register architecture
Sixteen 8-bit general registers, also usable as eight 16-bit general registers
• Instruction set with 55 basic instructions, including:
 Multiply and divide instructions
 Powerful bit-manipulation instructions
• Eight addressing modes
 Register direct
 Register indirect
 Register indirect with displacement
 Register indirect with post-increment or pre-decrement
 Absolute address
 Immediate
 Program-counter relative
 Memory indirect
• 64-kbyte address space
• High-speed operation
 All frequently used instructions are executed in two to four states
 High-speed arithmetic and logic operations
8- or 16-bit register-register add or subtract: 0.4
µs*
8
× 8-bit multiply:
2.8
µs*
16
÷ 8-bit divide:
2.8
µs*
• Low-power operation modes
SLEEP instruction for transition to low-power operation
Note: * These values are at ø = 5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com