Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 43Page - Renesas Technology Corp HD6473637SW Datasheet HTML 44Page - Renesas Technology Corp HD6473637SW Datasheet HTML 45Page - Renesas Technology Corp HD6473637SW Datasheet HTML 46Page - Renesas Technology Corp HD6473637SW Datasheet HTML 47Page - Renesas Technology Corp HD6473637SW Datasheet HTML 48Page - Renesas Technology Corp HD6473637SW Datasheet HTML 49Page - Renesas Technology Corp HD6473637SW Datasheet HTML 50Page - Renesas Technology Corp HD6473637SW Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 418 page
background image
33
2.5.5
Bit Manipulations
Table 2.8 describes the bit-manipulation instructions. Figure 2.7 shows their object code formats.
Table 2.8
Bit-Manipulation Instructions
Instruction
Size*
Function
BSET
B
1
→ (<bit-No.> of <EAd>)
Sets a specified bit in a general register or memory to 1. The bit
number is specified by 3-bit immediate data or the lower three bits of
a general register.
BCLR
B
0
→ (<bit-No.> of <EAd>)
Clears a specified bit in a general register or memory to 0. The bit
number is specified by 3-bit immediate data or the lower three bits of
a general register.
BNOT
B
~ (<bit-No.> of <EAd>)
→ (<bit-No.> of <EAd>)
Inverts a specified bit in a general register or memory. The bit
number is specified by 3-bit immediate data or the lower three bits of
a general register.
BTST
B
~ (<bit-No.> of <EAd>)
→ Z
Tests a specified bit in a general register or memory and sets or
clears the Z flag accordingly. The bit number is specified by 3-bit
immediate data or the lower three bits of a general register.
BAND
B
C
∧ (<bit-No.> of <EAd>) → C
ANDs the C flag with a specified bit in a general register or memory,
and stores the result in the C flag.
BIAND
B
C
∧ [~ (<bit-No.> of <EAd>)] → C
ANDs the C flag with the inverse of a specified bit in a general
register or memory, and stores the result in the C flag.
The bit number is specified by 3-bit immediate data.
BOR
B
C
∨ (<bit-No.> of <EAd>) → C
ORs the C flag with a specified bit in a general register or memory,
and stores the result in the C flag.
BIOR
B
C
∨ [~ (<bit-No.> of <EAd>)] → C
ORs the C flag with the inverse of a specified bit in a general register
or memory, and stores the result in the C flag.
The bit number is specified by 3-bit immediate data.
Note: * Size: Operand size
B: Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com