| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 406 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 406 Page - Renesas Technology Corp |
|
406 / 1032 page ![]() 10.4 TIO (Input/Output-Related 16-Bit Timer) MULTIJUNCTION TIMERS 10 10-110 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 10.4.9 Operation in TIO Measure Free-Run/Clear Input Modes (1) Outline of TIO measure free-run/clear input modes In measure free-run/clear input modes, the timer is used to measure a duration of time from when the counter starts counting until when an external capture signal is entered. It is possible to generate an inter- rupt request upon underflow of the counter or execution of measurement operation and a DMA transfer request (for only the TIO8 and TIO9) upon underflow of the counter. After the timer is enabled (by writing to the enable bit in software), the counter starts counting down synchro- nously with the count clock. When a capture signal is entered from an external device, the counter value at that point in time is written into a register called the “measure register.” In measure clear input mode, the counter value is initialized to H’FFFF upon capture, from which the counter starts counting down again. The counter returns to H’FFFF upon underflow, from which it starts counting down. In measure free-run input mode, the counter continues counting down even after capture and upon under- flow, recycles to H’FFFF, from which it starts counting down again. To stop the counter, disable count by writing to the enable bit in software. Figure 10.4.6 Typical Operation in Measure Free-Run Input Mode H'FFFF H'0000 H'7000 H'9000 H'7000 H'9000 DMA transfer request (Note 1) Count clock Counter TIO interrupt request Enable bit Measure register TIN interrupt request Undefined value Undefined Note 1: Only TIO8 and TIO9 can be generated. Note: • This diagram does not show detailed timing information. Enabled (by writing to the enable bit) Measure event (capture) occurs Measure event (capture) TIN interrupt request due to external event input TIO interrupt request due to underflow TIN interrupt request due to external event input DMA transfer request due to underflow |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |