Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 406Page - Renesas Technology Corp 32186 Datasheet HTML 407Page - Renesas Technology Corp 32186 Datasheet HTML 408Page - Renesas Technology Corp 32186 Datasheet HTML 409Page - Renesas Technology Corp 32186 Datasheet HTML 410Page - Renesas Technology Corp 32186 Datasheet HTML 411Page - Renesas Technology Corp 32186 Datasheet HTML 412Page - Renesas Technology Corp 32186 Datasheet HTML 413Page - Renesas Technology Corp 32186 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-114
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
To rewrite the reload 0 and reload 1 registers while the timer is operating, rewrite the reload 1 register first
and then the reload 0 register. That way, the reload 0 and reload 1 registers both are updated synchro-
nously with PWM period, from which the timer starts operating. This operation can normally be performed
collectively by accessing 32-bit addresses beginning with the reload 1 register address wordwise. (Data are
automatically written to the reload 1 and then the reload 0 registers in succession.)
If the reload 0 and reload 1 registers are accessed for read, the read values are always the data that have
been written to the respective registers, and not the reload values being actually used.
When altering PWM period by rewriting the reload registers, if the PWM period terminates before the CPU
finishes writing to reload 0, the PWM period is not altered in the current session and the data written to the
register is reflected in the next period.
When operating in the PWM output mode, writing the reload 0 register and reloard 1 register more than
twice within the PWM period and meet the following conditions at the same time, the PWM waveform is
output with the value that the last time written reload 0 register and finally written reload 1 register.
Condition 1: Start writing reload 0 register after latching the reload 0 register PWM period of the old PWM
output period.
Condition 2: Rewrite reload 1 register before latching PWM period of the new PWM output period and
start writing reload 0 register after latching PWM period.
(2) Reload register updates in TIO PWM output mode
In PWM output mode, when the timer remains idle, the reload 0 and reload 1 registers are updated at the
same time data are written to the respective registers. But when the timer is operating, the reload 1 register
is updated by updating the reload 0 register. However, if the reload 0 and reload 1 registers are accessed
for read, the read values are always the data that have been written to the respective registers.
F/F
TO
TIOnRL0
TIOnRL1
Internal bus
Reload 1
Reload 1 WR
Reload 0 WR
Reload 1 Buffer
16-bit counter
Prescaler output
Reload 0
PWM mode control
Note1: It is transferd from reload 1 register to reload 1 buffer when reload 0 register is reloaded
after updating reload 0 register during counter operation.
(Note1)
Figure 10.4.10 PWM Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com