Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 407Page - Renesas Technology Corp 32186 Datasheet HTML 408Page - Renesas Technology Corp 32186 Datasheet HTML 409Page - Renesas Technology Corp 32186 Datasheet HTML 410Page - Renesas Technology Corp 32186 Datasheet HTML 411Page - Renesas Technology Corp 32186 Datasheet HTML 412Page - Renesas Technology Corp 32186 Datasheet HTML 413Page - Renesas Technology Corp 32186 Datasheet HTML 414Page - Renesas Technology Corp 32186 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-115
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
To update PWM period correctly, take either one of the following measures.
• Identify the completion timing of PWM period by reading counter value at writing reload 1 register and
reload 0 register, and then start writing reload 1 register and reload 0 register without crossing PWM period.
• When writing to reload 1 register and reload 0 register by using interruption, set the prescaler value of
counter as small as possible. By doing this, write to reload 1 register and reload 0 register later than the
counter to be H'FFFF in the PWM period.
• Writing reload 1 register and reload 0 register is performed under the period, less than one time per PWM
period. (Extend the reload register's rewrite period against PWM period.)
(3) Notes on using TIO PWM output mode
The following describes precautions to be observed when using TIO PWM output mode.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the
enable bit, the latter has priority so that count is disabled.
• If the counter is accessed for read at the cycle of underflow, the counter value is read as H’FFFF but
changes to "reload register value -1" at the next count clock timing.
• Because the timer operates synchronously with the count clock, up to one count clock-dependent delay
is generated before F/F output is inverted after writing to the enable bit.
Figure 10.4.11 Update timing of PWM period
Count clock
Counter
H'FFFF
H'0000
F/F output
Underflow
(1st time)
Reload 0 register
(Note 2)
(Note 1)
Reload 1 register
PWM period
(Note 1)
Note 1: The value that "the reload 0 register -1" is reloaded.
Note 2: The value that "the reload 1 buffer -1" is reloaded.
Notes: .
:
Indicate sampling points.
. This diagram does not show detailed timing information.
Reload 1 buffer
Condition 1
Old PWM output period
Condition 2
New PWM putput period
Reloading "reload 0 register"
(Loading PWM period)
Reloading "reload 0 register"
(Loading PWM period)
Underflow
(2nd time)
Underflow
(2nd time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com