Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 405Page - Renesas Technology Corp 32186 Datasheet HTML 406Page - Renesas Technology Corp 32186 Datasheet HTML 407Page - Renesas Technology Corp 32186 Datasheet HTML 408Page - Renesas Technology Corp 32186 Datasheet HTML 409Page - Renesas Technology Corp 32186 Datasheet HTML 410Page - Renesas Technology Corp 32186 Datasheet HTML 411Page - Renesas Technology Corp 32186 Datasheet HTML 412Page - Renesas Technology Corp 32186 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1032 page
background image
10.4 TIO (Input/Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-113
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
H'FFFF
H'0000
H'A000
(Note 3)
(Note 2)
H'C000
H'A000
H'C000
H'A000
(Note 2)
Count clock
Enabled
(by writing to the enable bit
or by external input)
Underflow
(first time)
Enable bit
Reload 0 register
Count down from
the reload 1
register set value
Reload 1 register
Reload 1 buffer
Count down from
the reload 0
register set value
DMA transfer request (Note 1)
Note 1: Only TIO8 and TIO9 can be generated.
Note 2: The value that "reload 0 register - 1" is reloaded.
Note 3: The value that "reload 1 buffer - 1" is reloaded.
Note 4: When reload0 is reloaded after updating reload0 register, reload 1 buffer is tranferd.
Note 5: Updating of reload 0 and reload 1 during timer operation does not effect PWM waveform
that is outputting at present.
Updating is reflected at the next PWM period after updating reload 0 register.
Note: • This diagram does not show detailed timing information.
DMA transfer request
due to underflow
TIO interrupt request
DMA transfer request
due to underflow
TIO interrupt request due to
even-numbered occurrences of underflow
Undefined
value
Underflow
(second time)
Count down from
the reload 0
register set value
H'A000
H'C000
H'A000
Counter
PWM output period
(Note 4)
(Note 4)
F/F output (Note 5)
Data inverted by
enable
Data inverted by
underflow
Data inverted by
underflow
10.4.11 Operation in TIO PWM Output Mode
(1) Outline of TIO PWM output mode
In PWM output mode, the timer uses two reload registers to generate a waveform with a given duty cycle.
When the timer is enabled " by writing to the enable bit in software or by external input" after setting the initial
values in the reload 0 and reload 1 registers, the counter is loaded with the value that " the reload 0 register
-1" and starts counting down synchronously with the count clock at the next cycle. At the cycle after the first
time the counter underflows, it is loaded with the value that " the reload 1 register -1" and continues count-
ing. Thereafter, the counter is loaded with the reload 0 and reload 1 register values alternately each time an
underflow occurs. The " reload 0 register set value + 1" and " reload 1 register set value + 1" respectively are
effective as count values. The timer stops at the same time count is disabled by writing to the enable bit "
and not in synchronism with PWM output period."
The F/F output waveform in PWM output mode is inverted " F/F output level changes from "L" to "H" or vice
versa" when the counter starts counting and each time it underflows.
Furthermore, it is possible to generate an interrupt request at even-numbered occurrences of underflow after the
counter is enabled and a DMA transfer request " for only the TIO8 and TIO9" every time the counter underflows.
Note that TIO’s PWM output mode does not have the count correction function.
Figure 10.4.9 Typical Operation in PWM Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com