Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 467Page - Renesas Technology Corp 32186 Datasheet HTML 468Page - Renesas Technology Corp 32186 Datasheet HTML 469Page - Renesas Technology Corp 32186 Datasheet HTML 470Page - Renesas Technology Corp 32186 Datasheet HTML 471Page - Renesas Technology Corp 32186 Datasheet HTML 472Page - Renesas Technology Corp 32186 Datasheet HTML 473Page - Renesas Technology Corp 32186 Datasheet HTML 474Page - Renesas Technology Corp 32186 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-175
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.8.7 Typical Operation in PWM Output Mode
H'A000
H'(A000-1)
H'C000
H'A000
H'(A000-1)
Count clock
Enabled
(by writing to the enable bit
or by external input)
Underflow
(first time)
Enable bit
Reload 0 register
Underflow
(second time)
Reload 1 register
Reload 1 buffer
Undefined
value
(Note 2)
DMA transfer request
F/F output (Note 4)
Interrupt request
due to underflow
One count clock equivalent delay
Note 1: The value that "reload 0 register - 1" is reloaded.
Note 2: The value that "reload 1 buffer - 1" is reloaded.
Note 3: When reload0 is reloaded after updating reload0 register, reload 1 buffer is tranferd.
Note 4: Updating of reload 0 and reload 1 during timer operation does not effect PWM waveform
that is outputting at present.
Updating is reflected at the next PWM period after updating reload 0 register.
Note: • This diagram does not show detailed timing information.
(Note 1)
(Note 1)
H'FFFF
H'0000
H'A000
H'(C000-1)
H'C000
H'C000
H'A000
Counter
Count down from the
reload 0 register
set value
Count down from the
reload 1 register
set value
Data inverted
by enable
Data inverted
by underflow
Data inverted
by underflow
PWM output period
One count clock equivalent delay
One count clock equivalent delay
(Note 3)
(Note 3)
Count down from the
reload 0 register
set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com