Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 465Page - Renesas Technology Corp 32186 Datasheet HTML 466Page - Renesas Technology Corp 32186 Datasheet HTML 467Page - Renesas Technology Corp 32186 Datasheet HTML 468Page - Renesas Technology Corp 32186 Datasheet HTML 469Page - Renesas Technology Corp 32186 Datasheet HTML 470Page - Renesas Technology Corp 32186 Datasheet HTML 471Page - Renesas Technology Corp 32186 Datasheet HTML 472Page - Renesas Technology Corp 32186 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-173
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
b0
12
3456
b7
PWMOFF0
PWMOFF0
GBEN
GAEN
000
0000
0
10.8.13 PWMOFF Function Enable Registers
PWMOFF0 Function Enable Register (PWMOFF0EN)
<Address: H'0080 0526>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
PWMOFF0GBEN
0: Disable PWMOFF0 function
R
W
P00–P05PWMOFF function select bit
1: Enable PWMOFF0 function
1
PWMOFF0GAEN
0: Disable PWMOFF0 function
R
W
P87–P82PWMOFF function select bit
1: Enable PWMOFF0 function
2–7
No function assigned. Fix to "0."
00
PWMOFF1 Function Enable Register (PWMOFF1EN)
<Address: H'0080 0527>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
PWMOFF1GBEN
0: Disable PWMOFF1 function
R
W
P10–P15PWMOFF function select bit
1: Enable PWMOFF1 function
9
PWMOFF1GAEN
0: Disable PWMOFF1 function
R
W
P110–P115PWMOFF function select bit
1: Enable PWMOFF1 function
10–15
No function assigned. Fix to "0."
00
These registers enable or disable the PWM output disable function that was selected with the PWMOFF input
pin. This function can be used for all of output modes or port outputs of TOU. However, use for other modes
(external bus, SIO mode, DRI mode and TOP output modes (TO0-TO5) port inputs) is prohibited. For details,
see Section 10.8.20, “PWM Output Disable Function.”
b8
9
1011121314
b15
PWMOFF1
PWMOFF1
GBEN
GAEN
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com