Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 464Page - Renesas Technology Corp 32186 Datasheet HTML 465Page - Renesas Technology Corp 32186 Datasheet HTML 466Page - Renesas Technology Corp 32186 Datasheet HTML 467Page - Renesas Technology Corp 32186 Datasheet HTML 468Page - Renesas Technology Corp 32186 Datasheet HTML 469Page - Renesas Technology Corp 32186 Datasheet HTML 470Page - Renesas Technology Corp 32186 Datasheet HTML 471Page - Renesas Technology Corp 32186 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-172
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
The output disable level select function allows output from a port to be forcibly disabled (placed in the high-
impedance state) depending on the output state of that port.
This function may be used to determine whether three-phase PWM output signals are simultaneously on.
Furthermore, this function may be used for double-verification of ports because it works depending on the
output state of ports. This function can be used for all of output modes or port outputs of TOU. However, use for
other modes (external bus, SIO mode, DRI mode and TOP output modes (TO0-TO5) port inputs) is prohibited.
For details, see Section 10.8.20, “PWM Output Disable Function.”
(1) POnLVSEL (Output Disable Level Select) bit (Bit 14)
This bit specifies the level ("H" or "L") at which port output is to be disabled. Set this bit to "0" to disable port
output when its level is low, or "1" to disable port output when its level is "H."
The following shows the conditions under which port output is turned off depending on the port’s output
state.
1) PO0LVSEL = 0
If any one of the following conditions hold true, TO21–TO26 outputs (TOU0_0–TOU0_5 output pins)
are disabled.
• TO21 (TOU0_0 output pin) output and TO22 (TOU0_1 output pin) output both are at the "L" level
• TO23 (TOU0_2 output pin) output and TO24 (TOU0_3 output pin) output both are at the "L" level
• TO25 (TOU0_4 output pin) output and TO26 (TOU0_5 output pin) output both are at the "L" level
2) PO0LVSEL = 1
If any one of the following conditions hold true, TO21–TO26 outputs (TOU0_0–TOU0_5 output pins)
are disabled.
• TO21 (TOU0_0 output pin) output and TO22 (TOU0_1 output pin) output both are at the "H" level
• TO23 (TOU0_2 output pin) output and TO24 (TOU0_3 output pin) output both are at the "H" level
• TO25 (TOU0_4 output pin) output and TO26 (TOU0_5 output pin) output both are at the "H" level
3) PO1LVSEL = 0
If any one of the following conditions hold true, TO29–P185/TO34 outputs (TOU1_0–TOU1_5 output
pins) are disabled.
• TO29 (TOU1_0 output pin) output and TO30 (TOU1_1 output pin) output both are at the "L" level
• TO31 (TOU1_2 output pin) output and TO32 (TOU1_3 output pin) output both are at the "L" level
• TO33 (TOU1_4 output pin) output and TO34 (TOU1_5 output pin) output both are at the "L" level
4) PO1LVSEL = 1
If any one of the following conditions hold true, TO29–TO34 outputs (TOU1_0–TOU1_5 output pins)
are disabled.
• TO29 (TOU1_0 output pin) output and TO30 (TOU1_1 output pin) output both are at the "H" level
• TO31 (TOU1_2 output pin) output and TO32 (TOU1_3 output pin) output both are at the "H" level
• TO33 (TOU1_4 output pin) output and TO34 (TOU1_5 output pin) output both are at the "H" level
(2) POnLVEN (Output Disable Level Enable/Disable Select) bit (Bit 15)
This bit enables or disables the output disable level that was selected with the POnLVSEL bit. Setting this bit
to "1" enables the output disable level selected with the POnLVSEL bit; setting this bit to "0" disables the
output disable level selected with the POnLVSEL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com