Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 460Page - Renesas Technology Corp 32186 Datasheet HTML 461Page - Renesas Technology Corp 32186 Datasheet HTML 462Page - Renesas Technology Corp 32186 Datasheet HTML 463Page - Renesas Technology Corp 32186 Datasheet HTML 464Page - Renesas Technology Corp 32186 Datasheet HTML 465Page - Renesas Technology Corp 32186 Datasheet HTML 466Page - Renesas Technology Corp 32186 Datasheet HTML 467Page - Renesas Technology Corp 32186 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-168
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.11 PWM Output Disable Control Registers
PWM Output 0 Disable Control Register GA (PO0DISGACR)
<Address: H’0080 0520>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6
PO0DISGAP
–
0
W
PO0DISGA write control bit
7
PO0DISGA
0: Enable output
R
W
P87/TO21–P82/TO26 output disable select bit
1: Disable output
PWM Output 1 Disable Control Register GA (PO1DISGACR)
<Address: H'0080 0522>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6
PO1DISGAP
–
0
W
PO1DISGA write control bit
7
PO1DISGA
0: Enable output
R
W
P110/TO29–P115/TO34 output disable select bit
1: Disable output
PWM Output 0 Disable Control Register GB (PO0DISGBCR)
<Address: H’0080 0780>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6
PO0DISGBP
–
0
W
PO0DISGB write control bit
7
PO0DISGB
0: Enable output
R
W
P00/TO21–P05/TO26 output disable select bit
1: Disable output
b0
12
3456
b7
PO0DISGAP PO0DISGA
000
0000
0
b0
12
3456
b7
PO1DISGAP PO1DISGA
000
0000
0
b0
12
3456
b7
PO0DISGBP PO0DISGB
000
0000
0
PWM output disable control register is a register which performs disable control of the PWM output from TO
21–26 and TO29–TO34 terminal. Refer to the "10.8.20 PWM Output Disable Function" for the details of PWM
Output Disable Function.
The procedure of setting up a POnDISGm bit is described blow.
1. Set POnDISGmP Bit of POnDISGmCR as "1" and write it.
2. Write "0" in POnDISGmP Bit and write setting value in POnDISGm Bit.
Note: • If theare are writing cycles from CPU, DMA, SDI (tool), NBD to any other area between 1 and 2,
the continuous setting ( A pair of two consecutive is 1 set for writing operation) is disabled and the
writing value is not reflected. Therefore, disable interrupts and DMA transfers before setting.
However the writing cycle from RTD and DRI are not effected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com