Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 461Page - Renesas Technology Corp 32186 Datasheet HTML 462Page - Renesas Technology Corp 32186 Datasheet HTML 463Page - Renesas Technology Corp 32186 Datasheet HTML 464Page - Renesas Technology Corp 32186 Datasheet HTML 465Page - Renesas Technology Corp 32186 Datasheet HTML 466Page - Renesas Technology Corp 32186 Datasheet HTML 467Page - Renesas Technology Corp 32186 Datasheet HTML 468Page - Renesas Technology Corp 32186 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-169
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
b0
12
3456
b7
PO1DISGBP PO1DISGB
000
0000
0
PWM Output 1 Disable Control Register GB (PO1DISGBCR)
<Address: H'0080 0782>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6
PO1DISGBP
–
0
W
PO1DISGB write control bit
7
PO1DISGB
0: Enable output
R
W
P10/TO29–P15/TO34 output disable select bit
1: Disable output
These registers control output from the respective corresponding pins by enabling or disabling it. These pins
can be used to control three-phase PWM output using the TOU timer.
Three-phase PWM output can be forcibly disabled (placed in the high-impedance state) by controlling this
register. This function can be used for all of output modes or port outputs of TOU. However, use for other
modes (external bus, SIO mode, DRI mode and TOP output modes (TO0-TO5) port inputs) is prohibited. For
details, see Section 10.8.20, “PWM Output Disable Function.” Also, if this register is accessed for read, it
serves as a status register indicating whether PWM output is disabled.
To set this register, follow the procedure described below. (In the case of register Gm)
1. Write data ‘1’ to the POnDISGm write control bit (POnDISGmP).
2. After 1 above, write data ‘0’ to the POnDISGm write control bit (POnDISGmP) and data ‘0’ or ‘1’ to the output
disable select bit (POnDISGm).
Note: • If theare are writing cycles from CPU, DMA, SDI (tool), NBD to any other area between 1 and 2,
the continuous setting ( A pair of two consecutive is 1 set for writing operation) is disabled and the
writing value is not reflected. Therefore, disable interrupts and DMA transfers before setting.
However the writing cycle from RTD and DRI are not effected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com