Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 459Page - Renesas Technology Corp 32186 Datasheet HTML 460Page - Renesas Technology Corp 32186 Datasheet HTML 461Page - Renesas Technology Corp 32186 Datasheet HTML 462Page - Renesas Technology Corp 32186 Datasheet HTML 463Page - Renesas Technology Corp 32186 Datasheet HTML 464Page - Renesas Technology Corp 32186 Datasheet HTML 465Page - Renesas Technology Corp 32186 Datasheet HTML 466Page - Renesas Technology Corp 32186 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-167
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
If a write cycle to any other area occurs
during this interval, the value that was
set in the PWMOFFnS bits is not reflected. (Note 1)
PWMOFFnSP
"1"
PWMOFFnSP
"0"
PWMOFFnS
Set value
• Example of correct settings
• Cases where settings have no effect
Because a write cycle to other area exists,
the set value is not reflected. (Note 1)
PWMOFFnSP
"1"
Write to other area
(1)
(2)
PWMOFFnSP
"1"
PWMOFFnSP
"1"
Because these two consecutive writes comprise
a pair, the next set value is not reflected.
PWMOFFnSP
"0"
PWMOFFnS
Set value
PWMOFFnSP
"0"
PWMOFFnS
Set value
Note 1: The writing cycle to the other area is the writing cycle from CPU, DMA, SDI (tool), NBD
to any other area.The writing cycle from RTD and DRI do not effect.
Figure 10.8.5 PWMOFFnS Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com