Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 462Page - Renesas Technology Corp 32186 Datasheet HTML 463Page - Renesas Technology Corp 32186 Datasheet HTML 464Page - Renesas Technology Corp 32186 Datasheet HTML 465Page - Renesas Technology Corp 32186 Datasheet HTML 466Page - Renesas Technology Corp 32186 Datasheet HTML 467Page - Renesas Technology Corp 32186 Datasheet HTML 468Page - Renesas Technology Corp 32186 Datasheet HTML 469Page - Renesas Technology Corp 32186 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-170
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.8.6 POnDISGm Setting Procedure
If a write cycle to any other area occurs during
this interval, the value that was set in the
POnDISGm bit is not reflected. (Note 1)
POnDISGmP
"1"
POnDISGmP
"0"
POnDISGm
Set value
• Example of correct settings
• Cases where settings have no effect
Because a write cycle to other area exists,
the set value is not reflected. (Note 1)
POnDISGmP
"1"
Write to other area
POnDISGmP
"0"
POnDISGm
Set value
(1)
(2)
POnDISGmP
"1"
POnDISGmP
"1"
POnDISGmP
"0"
POnDISGm
Set value
Because these two consecutive writes comprise a pair,
the next set value is not reflected.
Note 1: The writing cycle to the other area is the writing cycle from CPU, DMA, SDI (tool), NBD to any other area.
The writing cycle from RTD and DRI do not effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com