Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 542Page - Renesas Technology Corp 32186 Datasheet HTML 543Page - Renesas Technology Corp 32186 Datasheet HTML 544Page - Renesas Technology Corp 32186 Datasheet HTML 545Page - Renesas Technology Corp 32186 Datasheet HTML 546Page - Renesas Technology Corp 32186 Datasheet HTML 547Page - Renesas Technology Corp 32186 Datasheet HTML 548Page - Renesas Technology Corp 32186 Datasheet HTML 549Page - Renesas Technology Corp 32186 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 1032 page
background image
11
A/D CONVERTER
11-48
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Thus, for a 10-bit resolution A/D Converter where C2 = 2.9 pF, C1 is 0.06 µF or more. Use this value
for reference when setting up C1.
(b) Maximum value of the output impedance R1 when C1 is not added
If the external capacitor C1 in Figure 11.5.1 is not used, examination must be made to see if the
analog output device can fully charge C2 within a predetermined time. First, the equation to find i2
when C1 in Figure 11.5.1 does not exist is shown below.
i2 =
C2(E - V2)
×exp
{
- t
}
------------------------ Eq. B-1
Cin
× R1+ C2(R1+R2)
Cin
×R1+C2(R1+R2)
11.5 Notes on Using A/D Converter
(a) Example for calculating the external stabilizing capacitor C1 (addition of this capacitor is recommended)
Assuming the R1 in Figure 11.5.1 is infinitely large and that the current necessary to charge the
internal capacitor C2 is supplied from C1, if the potential fluctuation, Vp, caused by capacitance divi-
sion of C1 and C2 is to be within 0.1 LSB, then what amount of capacitance C1 should have. For a 10-
bit A/D Converter where VREF0 is 5.12 V, 1 LSB determination voltage = 5.12 V/1,024 = 5 mV. The
potential fluctuation of 0.1 LSB means a 0.5 mV fluctuation.
Vp is also obtained by the equation below:
The relationship between the capacitance division of C1 and C2 and the potential fluctuation,
Vp, is obtained by the equation below:
C2
C1 + C2
Vp =
× (E - V2)
Eq. A-1
1
2
Vp = Vp1
×
<
Eq. A-2
i
VREF0
10
× 2×
x - 1
∑
i = 0
where Vp1 = potential fluctuation in the first A/D conversion performed
and x = 10 for a 10-bit resolution A/D converter
When Eq. A-1 and Eq. A-2 are solved, the following results:
E - V2
Vp1
C1 = C2 {
- 1 }
Eq. A-3
1
2
∴ C1 > C2 {10 × 2×
- 1 }
Eq. A-4
i
x - 1
∑
i = 0
×
ADiINn
Conversion time
for the first bit
Sampling time
Comparison
time
Repeated (10 times) for 10 bits
Second bit
Sampling time
When sample-and-hold
is disabled
* When sample-and-hold is enabled, the analog input is sampled for only the first bit.
Figure 11.5.2 A/D Conversion Timing Diagram
Figure 11.5.2 shows an A/D conversion timing diagram. C2 must be charged up within the sampling
time shown in this diagram. When the sample-and-hold function is disabled, the sampling time for the
second and subsequent bits is about half that of the first bit.
The sampling times at the respective conversion speeds are listed in the table 11.5.1. Note that when
the sample-and-hold function is enabled, the analog input is sampled for only the first bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com