Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 543 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 543 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 539Page - Renesas Technology Corp 32186 Datasheet HTML 540Page - Renesas Technology Corp 32186 Datasheet HTML 541Page - Renesas Technology Corp 32186 Datasheet HTML 542Page - Renesas Technology Corp 32186 Datasheet HTML 543Page - Renesas Technology Corp 32186 Datasheet HTML 544Page - Renesas Technology Corp 32186 Datasheet HTML 545Page - Renesas Technology Corp 32186 Datasheet HTML 546Page - Renesas Technology Corp 32186 Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 1032 page
background image
11
A/D CONVERTER
11-45
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.4 Inflow Current Bypass Circuit
11.4 Inflow Current Bypass Circuit
If when the A/D Converter is A/D converting a selected analog input an overvoltage exceeding the
converter’s absolute maximum rating is applied to any unselected analog input, the selector for the
unselected analog input is inadvertently turned on by that overvoltage. This causes current to leak to the
selected analog input, and the accuracy of the A/D conversion result is thereby deteriorated.
The Inflow Current Bypass Circuit fixes the internal signals of unselected analog inputs to the GND level, so
that when an overvoltage is applied, this circuit lets the current flow into the GND and prevents it from leaking
to the selected analog input. That way, the accuracy of the A/D conversion result is prevented from being
deteriorated by overvoltages.
This circuit is always active while the A/D Converter is operating, and does not need to be controlled in software.
Unselected
channel
Selected
channel
To the internal logic
of the A/D Converter
OFF
ON
OFF
ON
ON
OFF
Fixed to GND level
External input
latched into
Assist circuit
Figure 11.4.1 Configuration of the Inflow Current Bypass Circuit
Figure 11.4.2 Example of an Inflow Current Bypass Circuit where AVCC0 + 0.7 V or More is Applied
Unselected channel
Selected channel
To the internal logic
of the A/D Converter
OFF
ON
OFF
ON
ON
OFF
Assist circuit
AVCC0 + 0.7 V or more
Leakage current
generated
Sensor input
Leakage current
generated
Unaffected
by leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com