Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 536Page - Renesas Technology Corp 32186 Datasheet HTML 537Page - Renesas Technology Corp 32186 Datasheet HTML 538Page - Renesas Technology Corp 32186 Datasheet HTML 539Page - Renesas Technology Corp 32186 Datasheet HTML 540Page - Renesas Technology Corp 32186 Datasheet HTML 541Page - Renesas Technology Corp 32186 Datasheet HTML 542Page - Renesas Technology Corp 32186 Datasheet HTML 543Page - Renesas Technology Corp 32186 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 1032 page
background image
11
A/D CONVERTER
11-42
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.3 Functional Description of A/D Converter
(5) Total A/D conversion time
A total A/D conversion time in various modes are shown in the table below.
Table 11.3.6 A/D Conversion Time (Total Time)
Unit: BCLK
Conversion start method Conversion speed
Conversion mode (Note 1)
Conversion time
When fast sample-
and-hold enabled
Software and
2BCLK
Slow
Normal
Single mode
598
382
hardware triggers
mode
mode
speed
Single-shot scan,
(596
× n)+2
(380
× n)+2
(Note 2)
n-channel scan/continuous mode
Comparator mode
94
94
Simultaneous sampling
1194
762
Double
Single mode
346
202
speed
Single-shot scan,
(344
× n)+2
(200
× n)+2
n-channel scan/continuous mode
Comparator mode
58
58
Simultaneous sampling
690
402
Fast
Normal
Single mode
262
190
mode
speed
Single-shot scan,
(260
× n)+2
(188
× n)+2
n-channel scan/continuous mode
Comparator mode
46
46
Simultaneous sampling
522
378
Double
Single mode
178
106
speed
Single-shot scan,
(176
× n)+2
(104
× n)+2
n-channel scan/continuous mode
Comparator mode
34
34
Simultaneous sampling
354
210
BCLK
Slow
Normal
Single mode
299
191
mode
mode
speed
Single-shot scan,
(298
× n)+1
(190
× n)+1
n-channel scan/continuous mode
Comparator mode
47
47
Simultaneous sampling
597
381
Double
Single mode
173
101
speed
Single-shot scan,
(172
× n)+1
(100
× n)+1
n-channel scan/continuous mode
Comparator mode
29
29
Simultaneous sampling
345
201
Fast
Normal
Single mode
131
95
mode
speed
Single-shot scan,
(130
× n)+1
(94
× n)+1
n-channel scan/continuous mode
Comparator mode
23
23
Simultaneous sampling
261
189
Double
Single mode
89
53
speed
Single-shot scan,
(88
× n)+1
(52
× n)+1
n-channel scan/continuous mode
Comparator mode
17
17
Simultaneous sampling
177
105
Note 1: For single mode and comparator mode, this indicates an A/D conversion or comparate time per channel. For single-
shot and continuous scan modes, this indicates an A/D conversion time per scan loop, and for simultaneous
sampling, this indicates total time for the first and second conversion.
Note 2: This indicates a time from when a register write cycle has finished to when an A/D conversion completion interrupt
request is generated, or a time from when an event bus or other MJT event has occurred to when an A/D conversion
completion interrupt request is generated.
Note: • During 2BCLK mode, 1-2BCLK cycle(s) will be additionally generated at each start/end dummy cycle to synchronize
with the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com