Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 532Page - Renesas Technology Corp 32186 Datasheet HTML 533Page - Renesas Technology Corp 32186 Datasheet HTML 534Page - Renesas Technology Corp 32186 Datasheet HTML 535Page - Renesas Technology Corp 32186 Datasheet HTML 536Page - Renesas Technology Corp 32186 Datasheet HTML 537Page - Renesas Technology Corp 32186 Datasheet HTML 538Page - Renesas Technology Corp 32186 Datasheet HTML 539Page - Renesas Technology Corp 32186 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 1032 page
background image
11
A/D CONVERTER
11-38
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.3 Functional Description of A/D Converter
11.3.4 Calculating A/D Conversion Time
The A/D conversion time is expressed by the sum of dummy cycle time and actual execution cycle time.
The following shows each time factor necessary to calculate the conversion time.
1. Start dummy time
A time from when the CPU executed the A/D conversion start instruction to when the A/D
Converter starts A/D conversion
2. A/D conversion execution cycle time
If sample-and-hold is enabled, the sampling time is included in this execution cycle time.
3. Comparate execution cycle time
4. End dummy time
A time from when the A/D Converter has finished A/D conversion to when the CPU can stably
read out the conversion result from the A/D data register.
5. Scan to scan dummy time
A time during single-shot or continuous scan mode from when the A/D Converter has finished
A/D conversion on a channel to when it starts A/D conversion on the next channel.
The equation to calculate the A/D conversion time is as follows:
A/D conversion time = Start dummy time + Execution cycle time
(+ Scan to scan dummy time + Execution cycle time
+ Scan to scan dummy time + Execution cycle time
+ Scan to scan dummy time .... + Execution cycle time)
+ End dummy time
Note: • Enclosed in ( ) are the conversion time required for the second and subsequent
channels to be converted in scan mode.
(1) Calculating the conversion time during A/D conversion mode
The following schematically shows the method for calculating the conversion time during A/D conversion mode.
Start dummy
Execution cycle
A/D conversion
start trigger
Convert operation
starts
Transferred to the
A/D data register
<Scan mode>
End dummy
Start dummy
Execution cycle
Execution cycle
<Single mode>
Completed
Execution cycle
End dummy
Scan to
scan dummy
Scan to
scan dummy
(Channel 0)
(Channel 1)
(Last channel)
Figure 11.3.3 Conceptual Diagram of A/D Conversion Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com