Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 528Page - Renesas Technology Corp 32186 Datasheet HTML 529Page - Renesas Technology Corp 32186 Datasheet HTML 530Page - Renesas Technology Corp 32186 Datasheet HTML 531Page - Renesas Technology Corp 32186 Datasheet HTML 532Page - Renesas Technology Corp 32186 Datasheet HTML 533Page - Renesas Technology Corp 32186 Datasheet HTML 534Page - Renesas Technology Corp 32186 Datasheet HTML 535Page - Renesas Technology Corp 32186 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 1032 page
background image
11
A/D CONVERTER
11-34
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.2.12 8-bit A/D Data Registers
8-bit A/D0 Data Register 0(AD08DT0)
<Address: H’0080 00D1>
8-bit A/D0 Data Register 1(AD08DT1)
<Address: H’0080 00D3>
8-bit A/D0 Data Register 2(AD08DT2)
<Address: H’0080 00D5>
8-bit A/D0 Data Register 3(AD08DT3)
<Address: H’0080 00D7>
8-bit A/D0 Data Register 4(AD08DT4)
<Address: H’0080 00D9>
8-bit A/D0 Data Register 5(AD08DT5)
<Address: H’0080 00DB>
8-bit A/D0 Data Register 6(AD08DT6)
<Address: H’0080 00DD>
8-bit A/D0 Data Register 7(AD08DT7)
<Address: H’0080 00DF>
8-bit A/D0 Data Register 8(AD08DT8)
<Address: H’0080 00E1>
8-bit A/D0 Data Register 9(AD08DT9)
<Address: H’0080 00E3>
8-bit A/D0 Data Register 10(AD08DT10)
<Address: H’0080 00E5>
8-bit A/D0 Data Register 11(AD08DT11)
<Address: H’0080 00E7>
8-bit A/D0 Data Register 12(AD08DT12)
<Address: H’0080 00E9>
8-bit A/D0 Data Register 13(AD08DT13)
<Address: H’0080 00EB>
8-bit A/D0 Data Register 14(AD08DT14)
<Address: H’0080 00ED>
8-bit A/D0 Data Register 15(AD08DT15)
<Address: H’0080 00EF>
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
8–15
AD08DT0-AD08DT15
8-bit A/D conversion result
R
–
8-bit A/D data
The 8-bit A/D data register is used to store the 8-bit conversion data for the A/D converter.
During single mode, the 8-bit A/D Data Registers store the result of A/D conversion performed on each
corresponding channel.
During single-shot or continuous scan mode, the content of the A/D Successive Approximation Register is
transferred to the 8-bit A/D Data Register for the corresponding channel when A/D conversion on each
channel has finished. Each 8-bit A/D Data Register retains the last conversion result until they receive the
next conversion result transferred, allowing the content to be read out at any time.
b8
9
10
11121314
b15
AD8DT0-AD8DT15
???
????
?
11.2 A/D Converter Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com