Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 529Page - Renesas Technology Corp 32186 Datasheet HTML 530Page - Renesas Technology Corp 32186 Datasheet HTML 531Page - Renesas Technology Corp 32186 Datasheet HTML 532Page - Renesas Technology Corp 32186 Datasheet HTML 533Page - Renesas Technology Corp 32186 Datasheet HTML 534Page - Renesas Technology Corp 32186 Datasheet HTML 535Page - Renesas Technology Corp 32186 Datasheet HTML 536Page - Renesas Technology Corp 32186 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1032 page
background image
11
A/D CONVERTER
11-35
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.3 Functional Description of A/D Converter
11.3.1 How to Find Analog Input Voltages
The A/D Converter performs A/D conversion using a 10-bit successive approximation method. The equa-
tion shown below is used to calculate the actual analog input voltage from the digital value obtained by
executing A/D conversion.
Analog input voltage [v] =
A/D conversion result x VREF input voltage [V]
1,024
The A/D Converter is a 10-bit converter, providing a resolution of 1,024 discrete voltage levels. Because
the reference voltage for the A/D Converter is the voltage applied to the VREF0 pin, make sure that an
exact and stable constant-voltage power supply is connected to VREF0. Also make sure the analog circuit
power supply and ground (AVCC0, AVSS0) are separated from those of the digital circuit, with sufficient
noise prevention measures incorporated.
For details about the conversion accuracy, see Section 11.3.5, “Accuracy of A/D Conversion.”
11.3 Functional Description of A/D Converter
Figure 11.3.1 Outline Block Diagram of the Successive Approximation-type A/D Converter Unit
ADiIN0
ADiIN1
ADiIN2
ADiIN3
ADiIN4
ADiIN5
ADiIN6
ADiIN7
Selector
AVSSi
VREFi
10-bit A/Di Successive
Approximation Register
(ADiSAR)
10-bit
A/Di Data Register
A/Di Comparate
Data Register
A/D Control Circuit
10-bit D/A Converter
Comparator
ADiIN8
ADiIN9
ADiIN10
ADiIN11
ADiIN12
ADiIN13
ADiIN14
ADiIN15
ADiCMP
ADiDT0–15
Successive Approximation-type
A/D Converter Unit
AVCCi
Vref
VIN
Sample-and-Hold
Control Circuit
i=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com