Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 530Page - Renesas Technology Corp 32186 Datasheet HTML 531Page - Renesas Technology Corp 32186 Datasheet HTML 532Page - Renesas Technology Corp 32186 Datasheet HTML 533Page - Renesas Technology Corp 32186 Datasheet HTML 534Page - Renesas Technology Corp 32186 Datasheet HTML 535Page - Renesas Technology Corp 32186 Datasheet HTML 536Page - Renesas Technology Corp 32186 Datasheet HTML 537Page - Renesas Technology Corp 32186 Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 1032 page
background image
11
A/D CONVERTER
11-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.3.2 A/D Conversion by Successive Approximation Method
The A/D Converter use an A/D conversion start trigger (software or hardware) as they start A/D conver-
sion. Once A/D conversion begins, the following operation is automatically performed.
1. During single mode, A/D Single Mode Register 0’s A/D conversion/comparate completion bit is cleared
to "0." During scan mode, A/D Scan Mode Register 0’s A/D conversion completion bit is cleared to "0."
2. The content of the A/D Successive Approximation Register is cleared to H’0000.
3. The A/D Successive Approximation Register’s most significant bit (bit 6) is set to "1."
4. The comparison voltage, Vref (Note 1), is fed from the D/A Converter into the comparator.
5. The comparison voltage, Vref, and the analog input voltage, VIN, are compared, and the comparison
result will be stored in bit 6.
If Vref < VIN, then bit 6 = "1"
If Vref > VIN, then bit 6 = "0"
6. Operations in 3 through 5 above are executed for all other bits from bit 7 to bit 15.
7. The value stored in the A/D Successive Approximation Register by the time comparison for bit 15 has
finished is held in it as the A/D conversion result.
11.3 Functional Description of A/D Converter
1st comparison
b6
7
8
9
10
11
12
13
14
b15
100000
0000
n9
1
0
0
0
0
0
0
0
0
n9
n8
1000
0000
n9
n8
n7
n6
n5
n4
n3
n2
n1
1
2nd comparison
3rd comparison
10th comparison
Conversion
completed
n9
n8
n7
n6
n5
n4
n3
n2
n1
n0
Result of 1st comparison
Result of 2nd comparison
If Vref > VIN, then nX = 0
If Vref < VIN, then nX = 1
A/D Successive Approximation Register (ADiSAR)
i = 0
Figure 11.3.2 Changes of the A/D Successive Approximation Register during A/D Convert Operation
Note 1: The comparison voltage, Vref (the voltage fed from the D/A Converter into the comparator), is
determined according to changes of the A/D Successive Approximation Register content. Shown
below are the equations used to calculate the comparison voltage, Vref.
• If the A/D Successive Approximation Register content = 0
Vref [V] = 0
• If the A/D Successive Approximation Register content = 1 to 1,023
Vref [V] = (reference voltage VREF0 /1,024)
× (A/D Successive Approximation Register content – 0.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com