Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 544 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 540Page - Renesas Technology Corp 32186 Datasheet HTML 541Page - Renesas Technology Corp 32186 Datasheet HTML 542Page - Renesas Technology Corp 32186 Datasheet HTML 543Page - Renesas Technology Corp 32186 Datasheet HTML 544Page - Renesas Technology Corp 32186 Datasheet HTML 545Page - Renesas Technology Corp 32186 Datasheet HTML 546Page - Renesas Technology Corp 32186 Datasheet HTML 547Page - Renesas Technology Corp 32186 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 1032 page
background image
11
A/D CONVERTER
11-46
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.4 Inflow Current Bypass Circuit
Figure 11.4.3 Example of an Inflow Current Bypass Circuit where GND – 0.7 V or Less is Applied
Table 11.4.1 Accuracy Errors (Actual Performance Values) when Current is Injected into AD0IN0
Note: • Since the influence of the adjacent channel accuracy becomes large, do not inject over-current into the channel
selected in the A/D0 Simultaneous sampling analog input select bit (ADSEL2) of the A/D single mode register 2
(ADSIM2). (No channels selected when "0000" to " 1011" is set up in ADSEL2 bit.)
Unselected channel
Selected channel
To the internal logic
of the A/D Converter
OFF
ON
OFF
ON
ON
OFF
Assist circuit
GND - 0.7V or less
Leakage current
generated
Sensor input
Unaffected by
leakage
Leakage current
generated
AD0IN0
AD0IN1
AD0IN2
AD0IN3
AD0IN4
AD0IN5
AD0IN6
AD0IN7
AD0IN8
AD0IN9 AD0IN10 AD0IN11 AD0IN12 AD0IN13 AD0IN14 AD0IN15
2mA
422222222222222
1mA
222222222222222
0mA
222222222222222
-1mA
122222222222222
-2mA
022222222222222
Accuracy error on overcurrent injected ports (Unit: LSB)
pour
electric
power
Analog input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com