Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 537Page - Renesas Technology Corp 32186 Datasheet HTML 538Page - Renesas Technology Corp 32186 Datasheet HTML 539Page - Renesas Technology Corp 32186 Datasheet HTML 540Page - Renesas Technology Corp 32186 Datasheet HTML 541Page - Renesas Technology Corp 32186 Datasheet HTML 542Page - Renesas Technology Corp 32186 Datasheet HTML 543Page - Renesas Technology Corp 32186 Datasheet HTML 544Page - Renesas Technology Corp 32186 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 1032 page
background image
11
A/D CONVERTER
11-43
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.3.5 Accuracy of A/D Conversion
The accuracy of the A/D Converter is indicated by an absolute accuracy. The absolute accuracy refers to
a difference expressed by LSB between the output code obtained by A/D converting the analog input
voltages and the output code expected for an A/D converter with ideal characteristics. The analog input
voltages used during accuracy measurement are the midpoint values of the voltage width in which an A/D
converter with ideal characteristics produces the same output code. If VREF0 = 5.12 V, for example, the
width of 1 LSB for a 10-bit A/D converter is 5 mV, so that 0 mV, 5 mV, 10 mV, 15 mV, 20 mV, 25 mV and so
on are selected as midpoints of the analog input voltage.
If an A/D converter is said to have the absolute accuracy of ±2 LSB, it means that if the input voltage is 25
mV, for example, the output code expected for an A/D converter with ideal characteristics is H’005, and the
actual A/D conversion result is in the range of H’003 to H’007. Note that the absolute accuracy includes
zero and full-scale errors.
When actually using the A/D Converter, the analog input voltages are in the range of AVSS0 to VREF0.
Note, however, that low VREF0 voltages result in a poor resolution. Note also that output codes for the
analog input voltages from VREF0 to AVCC0 are always H’3FF.
H'000
H'001
H'002
H'003
H'3FE
H'3FF
→ Analog input voltage [V]
VREF0
1024
× 1
Ideal A/D conversion characteristics
A/D conversion characteristics with infinite resolution
0
VREF0
1024
× 2
VREF0
1024
× 3
VREF0
1024
× 1022
VREF0
1024
× 1023
VREF0
1024
× 1024
Figure 11.3.7 Ideal A/D Conversion Characteristics Relative to the 10-bit A/D Converter’s Analog Input Voltages
11.3 Functional Description of A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com