Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 562 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 562 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 558Page - Renesas Technology Corp 32186 Datasheet HTML 559Page - Renesas Technology Corp 32186 Datasheet HTML 560Page - Renesas Technology Corp 32186 Datasheet HTML 561Page - Renesas Technology Corp 32186 Datasheet HTML 562Page - Renesas Technology Corp 32186 Datasheet HTML 563Page - Renesas Technology Corp 32186 Datasheet HTML 564Page - Renesas Technology Corp 32186 Datasheet HTML 565Page - Renesas Technology Corp 32186 Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 1032 page
background image
SERIAL INTERFACE
12
12-14
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.2.2 SIO Transmit Control Registers
SIO0 Transmit Control Register (S0TCNT)
<Address: H'0080 0110>
SIO1 Transmit Control Register (S1TCNT)
<Address: H'0080 0120>
SIO2 Transmit Control Register (S2TCNT)
<Address: H'0080 0130>
SIO3 Transmit Control Register (S3TCNT)
<Address: H'0080 0140>
SIO4 Transmit Control Register (S4TCNT)
<Address: H'0080 0A10>
SIO5 Transmit Control Register (S5TCNT)
<Address: H'0080 0A20>
123456
b7
b0
TSTAT
TBE
TEN
CDIV
01
010
0
0
0
<Upon exiting reset: H’12>
b
Bit Name
Function
R
W
0, 1
No function assigned. Fix to "0."
00
2, 3
CDIV
b2 b3 (Note 1)
R
W
BRG count source select bit
0
0: Select f(BCLK) or f(BCLK)/2
0
1: Select f(BCLK) or f(BCLK)/2 divided by 8
1
0: Select f(BCLK) or f(BCLK)/2 divided by 32
1
1: Select f(BCLK) or f(BCLK)/2 divided by 256
4
No function assigned. Fix to "0."
00
5
TSTAT
0: Transmission stopped and no data in transmit buffer register R
–
Transmit status bit
1: Transmitting now or data present in transmit buffer register
6
TBE
0: Data present in transmit buffer register
R
–
Transmit buffer empty bit
1: No data in transmit buffer register
7
TEN
0: Disable transmission
R
W
Transmit enable bit
1: Enable transmission
Note 1: The selection between f(BCLK) and f(BCLK)/2 is made with the SIOn Special Mode Register (SnSMOD).
(1) CDIV (BRG count source select) bits (Bits 2 and 3)
These bits select the count source for BRG (the Baud Rate Generator).
(2) TSTAT (Transmit Status) bit (Bit 5)
[Set condition]
This bit is set to "1" by a write to the transmit buffer register while transmission is enabled.
[Clear condition]
This bit is cleared to "0" when transmission is idle (no data in the transmit shift register) and no
data exists in the transmit buffer register. This bit is also cleared by clearing the transmit enable bit.
(3) TBE (Transmit Buffer Empty) bit (Bit 6)
[Set condition]
This bit is set to "1" when data is transferred from the transmit buffer register to the transmit shift
register and the transmit buffer register is thereby emptied. This bit is also set by clearing the
transmit enable bit to "0."
[Clear condition]
This bit is cleared to "0" by writing data to the lower byte of the transmit buffer register while
transmission is enabled (TEN = "1").
(4) TEN (Transmit Enable) bit (Bit 7)
Transmission is enabled by setting this bit to "1" and disabled by clearing this bit to "0." If this bit is
cleared to "0" while transmitting data, the transmit operation stops.
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com