| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 558 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 558 Page - Renesas Technology Corp |
|
558 / 1032 page ![]() SERIAL INTERFACE 12 12-10 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 SIO03 Interrupt Request Mask Register (SI03MASK) <Address: H’0080 0101> 9 10 11 12 13 14 b15 b8 T0MASK R0MASK T1MASK R1MASK T2MASK R2MASK T3MASK R3MASK 00000000 <Upon exiting reset: H’00> b Bit Name Function R W 8 T0MASK 0: Mask (disable) interrupt request R W SIO0 transmit interrupt request enable bit 1: Enable interrupt request 9 R0MASK 0: Mask (disable) interrupt request R W SIO0 receive interrupt request enable bit 1: Enable interrupt request 10 T1MASK 0: Mask (disable) interrupt request R W SIO1 transmit interrupt request enable bit 1: Enable interrupt request 11 R1MASK 0: Mask (disable) interrupt request R W SIO1 receive interrupt request enable bit 1: Enable interrupt request 12 T2MASK 0: Mask (disable) interrupt request R W SIO2 transmit interrupt request enable bit 1: Enable interrupt request 13 R2MASK 0: Mask (disable) interrupt request R W SIO2 receive interrupt request enable bit 1: Enable interrupt request 14 T3MASK 0: Mask (disable) interrupt request R W SIO3 transmit interrupt request enable bit 1: Enable interrupt request 15 R3MASK 0: Mask (disable) interrupt request R W SIO3 receive interrupt request enable bit 1: Enable interrupt request SIO45 Interrupt Request Mask Register (SI45MASK) <Address: H’0080 0A01> 9 10 11 12 13 14 b15 b8 T4MASK R5MASK T5MASK R4MASK 00000000 <Upon exiting reset: H’00> b Bit Name Function R W 8 T4MASK 0: Mask (disable) interrupt request R W SIO4 transmit interrupt request enable bit 1: Enable interrupt request 9 R4MASK 0: Mask (disable) interrupt request R W SIO4 receive interrupt request enable bit 1: Enable interrupt request 10 T5MASK 0: Mask (disable) interrupt request R W SIO5 transmit interrupt request enable bit 1: Enable interrupt request 11 R5MASK 0: Mask (disable) interrupt request R W SIO5 receive interrupt request enable bit 1: Enable interrupt request 12–15 No function assigned. Fix to "0." 00 These registers enable or disable the interrupt requests generated by each SIO. Interrupt requests from any SIO are enabled by setting its corresponding interrupt request enable bit to "1." 12.2 Serial Interface Related Registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |