| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 556 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 556 Page - Renesas Technology Corp |
|
556 / 1032 page ![]() SERIAL INTERFACE 12 12-8 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 Receive DMA transfer request RFIN (Reception Finished bit) Note: • No reception-finished DMA transfer requests are generated if a receive error occurs. Figure 12.2.4 Reception-finished DMA Transfer Request (3) Selecting the source of an interrupt request The interrupt request signals sent from each SIO to the Interrupt Controller (ICU) are broadly classified into transmit interrupts and receive interrupts. Transmit interrupt requests can be gener- ated when the transmit buffer is empty or transmission is finished, and the receive interrupt re- quests can be generated when reception is finished or an receive error is detected, as selected by the Interrupt Request Source Select Registers (SI03SEL, SI45SEL). Notes: • No interrupt request signals are generated unless interrupts are generated by the SIO Interrupt Request Mask Register after enabling the TEN (Transmit Enable) bit or REN (Receive Enable) bit for the corresponding SIO. • SIO2 and SIO3 together comprise one interrupt group, so do SIO4 and SIO5. • The transmission-finished interrupt is effective when the internal clock is selected in UART or CSIO mode. (4) Notes on using transmit interrupts When the interrupt request is enable in SIO Interrupt Request Mask Register and the transmit buffer empty interrupt is selected in SIO Interrupt Request Source Select Register, a transmit interrupt request is generated upon enabling the corresponding TEN (Transmit Enable) bit. (5) About DMA transfer requests from SIO Each SIO can generate a transmit DMA transfer and a reception-finished DMA transfer request. These DMA transfer requests can be generated by enabling each SIO’s corresponding TEN (Transmit Enable) bit or REN (Receive Enable) bit. When using DMA transfers to communicate with external devices, be sure to set the DMA Controller (DMAC) before enabling the TEN or REN bit. No reception- finished DMA transfer requests are generated if a receive error occurs. • Transmit DMA transfer request Generated when the transmit buffer is empty and the TEN bit is enabled. TEN (Transmit Enable bit) TBE (Transmit Buffer Empty bit) Transmit DMA transfer request Figure 12.2.3 Transmit DMA Transfer Request • Reception-finished DMA transfer request A DMA transfer request is generated when the receive buffer is filled. 12.2 Serial Interface Related Registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |