Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 548Page - Renesas Technology Corp 32186 Datasheet HTML 549Page - Renesas Technology Corp 32186 Datasheet HTML 550Page - Renesas Technology Corp 32186 Datasheet HTML 551Page - Renesas Technology Corp 32186 Datasheet HTML 552Page - Renesas Technology Corp 32186 Datasheet HTML 553Page - Renesas Technology Corp 32186 Datasheet HTML 554Page - Renesas Technology Corp 32186 Datasheet HTML 555Page - Renesas Technology Corp 32186 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 1032 page
background image
SERIAL INTERFACE
12
12-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SCLKI4/SCLKO4
To DMA0
Receive DMA transfer request
Transmit DMA transfer request
To DMA1
SCLKI0/SCLKO0
Baud Rate
Generator
(BRG)
CSIO mode
When internal clock selected
CSIO
mode
UART
mode
When internal clock selected
1/16
1/2
RXD0
TXD0
Receive interrupt request
Transmit/
Receive
Control
Circuit
SIO0 Transmit Buffer Register
SIO0 Transmit Shift Register
Receive DMA transfer request
Transmit interrupt request
Transmit DMA transfer request
To DMA3, DMA4
SIO0 Receive Shift Register
SIO0 Receive Buffer Register
When external clock selected
When UART mode selected
SCLKI1/SCLKO1
To DMA6
To the Interrupt
Controller (ICU)
SIO0
SIO1
SIO2
SIO3
RXD1
TXD1
Transmit/
Receive
Control
Circuit
SIO1 Transmit Shift Register
SIO1 Receive Shift Register
To DMA7
RXD2
TXD2
Transmit/
Receive
Control
Circuit
SIO2 Transmit Shift Register
SIO2 Receive Shift Register
To DMA7, DMA9
RXD3
TXD3
Transmit/
Receive
Control
Circuit
SIO3 Transmit Shift Register
SIO3 Receive Shift Register
Receive interrupt request
Receive DMA transfer request
Transmit interrupt request
Transmit DMA transfer request
Receive interrupt request
Receive DMA transfer request
Transmit interrupt request
Transmit DMA transfer request
Receive interrupt request
Receive DMA transfer request
Transmit interrupt request
Transmit DMA transfer request
To the Interrupt
Controller (ICU)
To DMA8
To DMA5
To DMA3, DMA6
To DMA4
SIO4
RXD4
TXD4
Transmit/
Receive
Control
Circuit
SIO4 Transmit Shift Register
SIO4 Receive Shift Register
Receive interrupt request
Transmit interrupt request
To the Interrupt
Controller (ICU)
To the Interrupt
Controller (ICU)
Notes: • When f(BCLK) is selected as BRG count source, the BRG set value is subject to limitations.
• SIO2 and SIO3 do not have the SCLKI/SCLKO function.
SIO5
RXD5
TXD5
Transmit/
Receive
Control
Circuit
SIO5 Transmit Shift Register
SIO5 Receive Shift Register
Receive interrupt request
Transmit interrupt request
BCLK
1/2
Clock
Divider
1/1
1/8
1/32
1/256
SCLKI5/SCLKO5
To DMA2
Receive DMA transfer request
Transmit DMA transfer request
To DMA3
Figure 12.1.1 Block Diagram of Serial Interfaces
12.1 Outline of Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com