Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 557 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 557 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 553Page - Renesas Technology Corp 32186 Datasheet HTML 554Page - Renesas Technology Corp 32186 Datasheet HTML 555Page - Renesas Technology Corp 32186 Datasheet HTML 556Page - Renesas Technology Corp 32186 Datasheet HTML 557Page - Renesas Technology Corp 32186 Datasheet HTML 558Page - Renesas Technology Corp 32186 Datasheet HTML 559Page - Renesas Technology Corp 32186 Datasheet HTML 560Page - Renesas Technology Corp 32186 Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 1032 page
background image
SERIAL INTERFACE
12
12-9
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SIO23 Interrupt Request Status Register (SI23STAT)
<Address: H’0080 0100>
123456
b7
b0
IRQT2
IRQR3
IRQT3
IRQR2
0000
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–3
No function assigned. Fix to "0."
00
4
IRQT2
0: Interrupt not requested
R (Note 1)
SIO2 transmit interrupt request status bit
1: Interrupt requested
5
IRQR2
0: Interrupt not requested
R (Note 1)
SIO2 receive interrupt request status bit
1: Interrupt requested
6
IRQT3
0: Interrupt not requested
R (Note 1)
SIO3 transmit interrupt request status bit
1: Interrupt requested
7
IRQR3
0: Interrupt not requested
R (Note 1)
SIO3 receive interrupt request status bit
1: Interrupt requested
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
SIO45 Interrupt Request Status Register (SI45STAT)
<Address: H’0080 0A00>
123456
b7
b0
IRQT4
IRQR5
IRQT5
IRQR4
0000
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0
IRQT4
0: Interrupt not requested
R (Note 1)
SIO4 transmit interrupt request status bit
1: Interrupt requested
1
IRQR4
0: Interrupt not requested
R (Note 1)
SIO4 receive interrupt request status bit
1: Interrupt requested
2
IRQT5
0: Interrupt not requested
R (Note 1)
SIO5 transmit interrupt request status bit
1: Interrupt requested
3
IRQR5
0: Interrupt not requested
R (Note 1)
SIO5 receive interrupt request status bit
1: Interrupt requested
4–7
No function assigned. Fix to "0."
00
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
These registers indicate the transmit/receive interrupt requests from each SIO.
[Setting the interrupt request status bit]
This bit can only be set in hardware, and cannot be set in software.
[Clearing the interrupt request status bit]
This bit is cleared by writing "0" in software.
Note: • If the status bit is set in hardware at the same time it is cleared in software, the former has
priority and the status bit is set.
When writing to the SIO Interrupt Request Status Register, make sure only the bits to be cleared are
set to "0" and all other bits are set to "1." Those bits that have been set to "1" are unaffected by writing
in software and retain the value they had before the write.
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com