Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 560Page - Renesas Technology Corp 32186 Datasheet HTML 561Page - Renesas Technology Corp 32186 Datasheet HTML 562Page - Renesas Technology Corp 32186 Datasheet HTML 563Page - Renesas Technology Corp 32186 Datasheet HTML 564Page - Renesas Technology Corp 32186 Datasheet HTML 565Page - Renesas Technology Corp 32186 Datasheet HTML 566Page - Renesas Technology Corp 32186 Datasheet HTML 567Page - Renesas Technology Corp 32186 Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 1032 page
background image
SERIAL INTERFACE
12
12-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(3) STB (Stop Bit Length Select) bit (Bit 12)
This bit is effective during UART mode. Use this bit to select the stop bit length that indicates the end of
data to transmit. Setting this bit to "0" selects one stop bit, and setting this bit to "1" selects two stop bits.
During clock-synchronous mode, the content of this bit has no effect.
(4) PSEL (Odd/Even Parity Select) bit (Bit 13)
This bit is effective during UART mode. When parity is enabled (bit 14 = "1"), use this bit to select the parity
attribute (whether odd or even). Setting this bit to "0" selects an odd parity, and setting this bit to "1" selects an
even parity.
When parity is disabled (bit 14 = "0") and during clock-synchronous mode, the content of this bit has no effect.
(5) PEN (Parity Enable) bit (Bit 14)
This bit is effective during UART mode. When this bit is set to "1," a parity bit is added immediately
after the data bits of the transmit data, and the received data is checked for parity.
The parity bit added to the transmit data is automatically determined to be "0" or "1" so that the
attribute (odd/even) derived by adding the number of 1’s in data bits and the content of the parity bit
agrees with one that was selected with the odd/even parity select bit (bit 13).
Figure 12.2.7 shows an example of a data format when parity is enabled.
(6) SEN (Sleep Select) bit (Bit 15)
This bit is effective during UART mode. If the sleep function is enabled by setting this bit to "1," data is
latched into the UART Receive Buffer Register only when the most significant bit (MSB) of the re-
ceived data is "1."
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com