Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 567 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 567 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 563Page - Renesas Technology Corp 32186 Datasheet HTML 564Page - Renesas Technology Corp 32186 Datasheet HTML 565Page - Renesas Technology Corp 32186 Datasheet HTML 566Page - Renesas Technology Corp 32186 Datasheet HTML 567Page - Renesas Technology Corp 32186 Datasheet HTML 568Page - Renesas Technology Corp 32186 Datasheet HTML 569Page - Renesas Technology Corp 32186 Datasheet HTML 570Page - Renesas Technology Corp 32186 Datasheet HTML 571Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 1032 page
background image
SERIAL INTERFACE
12
12-19
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.2.4 SIO Transmit Buffer Registers
SIO0 Transmit Buffer Register (S0TXB)
<Address: H'0080 0112>
SIO1 Transmit Buffer Register (S1TXB)
<Address: H'0080 0122>
SIO2 Transmit Buffer Register (S2TXB)
<Address: H'0080 0132>
SIO3 Transmit Buffer Register (S3TXB)
<Address: H'0080 0142>
SIO4 Transmit Buffer Register (S4TXB)
<Address: H'0080 0A12>
SIO5 Transmit Buffer Register (S5TXB)
<Address: H'0080 0A22>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
TDATA
????????????????
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–15
TDATA
Transmit data is set in these bits.
R
W
Transmit data
The SIO Transmit Buffer Registers are used to set transmit data. The write value of these registers can be
read out. Data must be LSB-aligned when write a transmit data. According to the conditions of the serial
interface mode select bit, the CSIO bit length select bit and the transfer order select bit, the data corre-
sponding to the specified bit is transmitted from the LSB or MSB side.
Before setting transmit data in these registers, enable the Transmit Control Register TEN (Transmit En-
able) bit by setting it to "1." Writing data to these registers while the TEN bit is disabled (cleared to "0") has
no effect.
When data is written to the SIO Transmit Buffer Register while transmission is enabled, the data is transferred
from that register to the SIO Transmit Shift Register, upon which the serial interface starts sending data.
Note: • For the 7-bit and 8-bit data formats, the register can be accessed bytewise.
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com