Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 567Page - Renesas Technology Corp 32186 Datasheet HTML 568Page - Renesas Technology Corp 32186 Datasheet HTML 569Page - Renesas Technology Corp 32186 Datasheet HTML 570Page - Renesas Technology Corp 32186 Datasheet HTML 571Page - Renesas Technology Corp 32186 Datasheet HTML 572Page - Renesas Technology Corp 32186 Datasheet HTML 573Page - Renesas Technology Corp 32186 Datasheet HTML 574Page - Renesas Technology Corp 32186 Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1032 page
background image
SERIAL INTERFACE
12
12-23
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(6) FLM (Framing Error) bit (Bit 6)
This bit is effective only in UART mode. It is fixed to "0" during CSIO mode. When a framing error
occurs, the received data is stored in the Receive Buffer Register. In this case, an interrupt request
by receive completion occurs but a DMA transfer request does not occur.
[Set condition]
The FLM (Framing Error) bit is set to "1" when the number of received bits does not agree with one
that was set by the SIO Transmit/Receive Mode Register.
[Clear condition]
The FLM bit is cleared to "0" by reading out the lower byte of the SIO Receive Buffer Register or by
clearing the SIO Receive Control Register REN (Receive Enable) bit.
However, if an overrun error occurs, this bit cannot be cleared by reading out the lower byte of the
Receive Buffer Register. In this case, clear the REN (Receive Enable) bit to "0."
(7) ERS (Error Sum) bit (Bit 7)
[Set condition]
This bit is set to "1" when any one of overrun, framing or parity errors is detected at completion of
reception.
[Clear condition]
If the detected error was an overrun error, this bit is cleared by clearing the REN (Receive Enable)
bit to "0." Otherwise, this flag is cleared by reading out the lower byte of the SIO Receive Buffer
Register or by clearing the SIO Receive Control Register REN (Receive Enable) bit.
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com