Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 569Page - Renesas Technology Corp 32186 Datasheet HTML 570Page - Renesas Technology Corp 32186 Datasheet HTML 571Page - Renesas Technology Corp 32186 Datasheet HTML 572Page - Renesas Technology Corp 32186 Datasheet HTML 573Page - Renesas Technology Corp 32186 Datasheet HTML 574Page - Renesas Technology Corp 32186 Datasheet HTML 575Page - Renesas Technology Corp 32186 Datasheet HTML 576Page - Renesas Technology Corp 32186 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 1032 page
background image
SERIAL INTERFACE
12
12-25
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 12.2.1 Example Settings of the SIO Baud Rate Register (CSIO Mode) (1/2)
items
When clock divider count source = 8MHz
When clock divider count source = 10MHz
Band
Clock divider
BRG
Actual baud rate
Clock divider
BRG
Actual baud rate
rate
divide value
set
[bps]
divide value
set
[bps]
[bps]
[divided-by n]
value
[divided-by n]
value
250
256
62
248.02
256
77
250.40
500
32
249
500.00
256
38
500.80
1000
32
124
1000.00
32
155
1001.60
2500
32
49
2500.00
8
249
2500.00
5000
32
24
5000.00
8
124
5000.00
10000
8
49
10000.00
8
62
9920.63
25000
8
19
25000.00
1
199
25000.00
50000
8
9
50000.00
1
99
50000.00
100000
8
4
100000.00
1
49
100000.00
250000
1
15
250000.00
1
19
250000.00
500000
1
7
500000.00
1
9
500000.00
1000000
1
3
1000000.00
1
4
1000000.00
2000000
1
1
2000000.00
-
-
-
2500000
-
-
-
1
1
2500000.00
Notes: • This does not mean that the communication at the above baud rates is guaranteed. Careful consideration and
inspection under your environment are required before use.
• Select clock divider count source in SELCLK bit of SIOn special mode register (SnSMOD).
• Select divide-by value of clock divider in the CDIV bit of SIOn transmit control register (SnTCNT).
• Set BRG set value in the SIOn baud rate register (SnBAUR).
Table 12.2.1 Example Settings of the SIO Baud Rate Register (CSIO Mode) (2/2)
items
When clock divider count source = 16MHz
When clock divider count source = 20MHz
Band
Clock divider
BRG
Actual baud rate
Clock divider
BRG
Actual baud rate
rate
divide value
set
[bps]
divide value
set
[bps]
[bps]
[divided-by n]
value
[divided-by n]
value
250
256
124
250.00
256
155
250.40
500
256
62
496.03
256
77
500.80
1000
32
249
1000.00
256
38
1001.60
2500
32
99
2500.00
32
124
2500.00
5000
8
199
5000.00
8
249
5000.00
10000
8
99
10000.00
8
124
10000.00
25000
8
39
25000.00
8
49
25000.00
50000
1
159
50000.00
1
199
50000.00
100000
1
79
100000.00
1
99
100000.00
250000
1
31
250000.00
1
39
250000.00
500000
1
15
500000.00
1
19
500000.00
1000000
1
7
1000000.00
1
9
1000000.00
2000000
1
3
2000000.00
1
4
2000000.00
2500000
-
-
-
1
3
2500000.00
Notes: • This does not mean that the communication at the above baud rates is guaranteed. Careful consideration and
inspection under your environment are required before use.
• Select clock divider count source in SELCLK bit of SIOn special mode register (SnSMOD).
• Select divide-by value of clock divider in the CDIV bit of SIOn transmit control register (SnTCNT).
• Set BRG set value in the SIOn baud rate register (SnBAUR).
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com