Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 570Page - Renesas Technology Corp 32186 Datasheet HTML 571Page - Renesas Technology Corp 32186 Datasheet HTML 572Page - Renesas Technology Corp 32186 Datasheet HTML 573Page - Renesas Technology Corp 32186 Datasheet HTML 574Page - Renesas Technology Corp 32186 Datasheet HTML 575Page - Renesas Technology Corp 32186 Datasheet HTML 576Page - Renesas Technology Corp 32186 Datasheet HTML 577Page - Renesas Technology Corp 32186 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 1032 page
background image
SERIAL INTERFACE
12
12-26
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.2 Serial Interface Related Registers
Table 12.2.2 Example Settings of the SIO Baud Rate Register (UART Mode) (1/2)
items
When clock divider count source = 8MHz
When clock divider count source = 10MHz
Band
Clock divider
BRG A margin Actual baud rate
Clock divider
BRG
A margin
Actual baud rate
rate
divide value
set
of error
[bps]
divide value
set
of error
[bps]
[bps]
[divided-by n]
value
(%)
[divided-by n]
value
(%)
300
32
51
0.16
300.48
32
64
0.16
300.48
600
32
25
0.16
600.96
8
129
0.16
600.96
1200
32
12
0.16
1201.92
8
64
0.16
1201.92
2400
-
-
-
-
8
32
-1.36
2367.42
4800
1
103
0.16
4807.69
1
129
0.16
4807.69
9600
1
51
0.16
9615.38
1
64
0.16
9615.38
14400
1
34
-0.79
14285.71
1
42
0.94
14534.88
19200
1
25
0.16
19230.77
1
32
-1.36
18939.39
38400
1
12
0.16
38461.54
1
15
1.73
39062.50
57600
-
-
-
-
1
10
-1.36
56818.18
115200
-
-
-
-
-
-
-
-
128000
-
-
-
-
-
-
-
-
250000
1
1
0.00
250000.00
-
-
-
-
500000
1
0
0.00
500000.00
-
-
-
-
625000
-
-
-
-
1
0
0.00
625000.00
1000000
-
-
-
-
-
-
-
-
1250000
-
-
-
-
-
-
-
-
Notes: • This does not mean that the communication at the above baud rates is guaranteed. Careful consideration and
inspection under your environment are required before use.
• Select clock divider count source in SELCLK bit of SIOn special mode register (SnSMOD).
• Select divide-by value of clock divider in the CDIV bit of SIOn transmit control register (SnTCNT).
• Set BRG set value in the SIOn baud rate register (SnBAUR).
Table 12.2.2 Example Settings of the SIO Baud Rate Register (UART Mode) (2/2)
items
When clock divider count source = 16MHz
When clock divider count source = 20MHz
Band
Clock divider
BRG
A margin
Actual baud rate
Clock divider
BRG A margin Actual baud rate
rate
divide value
set
of error
[bps]
divide value
set
of error
[bps]
[bps]
[divided-by n]
value
(%)
[divided-by n]
value
(%)
300
32
103
0.16
300.48
32
129
0.16
300.48
600
32
51
0.16
600.96
32
64
0.16
600.96
1200
32
25
0.16
1201.92
32
32
-1.36
1183.71
2400
32
12
0.16
2403.85
32
15
1.73
2441.41
4800
1
207
0.16
4807.69
1
259
0.16
4807.69
9600
1
103
0.16
9615.38
1
129
0.16
9615.38
14400
1
68
0.64
14492.75
1
86
-0.22
14367.82
19200
1
51
0.16
19230.77
1
64
0.16
19230.77
38400
1
25
0.16
38461.54
1
32
-1.36
37878.79
57600
-
-
-
-
1
21
-1.36
56818.18
115200
-
-
-
-
1
10
-1.36
113636.36
128000
-
-
-
-
-
-
-
-
250000
1
3
0.00
250000.00
1
4
0.00
250000.00
500000
1
1
0.00
500000.00
-
-
-
-
625000
-
-
-
-
1
1
0.00
625000.00
1000000
1
0
0.00
1000000.00
-
-
-
-
1250000
-
-
-
-
1
0
0.00
1250000.00
Notes: • This does not mean that the communication at the above baud rates is guaranteed. Careful consideration and
inspection under your environment are required before use.
• Select clock divider count source in SELCLK bit of SIOn special mode register (SnSMOD).
• Select divide-by value of clock divider in the CDIV bit of SIOn transmit control register (SnTCNT).
• Set BRG set value in the SIOn baud rate register (SnBAUR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com