Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 572Page - Renesas Technology Corp 32186 Datasheet HTML 573Page - Renesas Technology Corp 32186 Datasheet HTML 574Page - Renesas Technology Corp 32186 Datasheet HTML 575Page - Renesas Technology Corp 32186 Datasheet HTML 576Page - Renesas Technology Corp 32186 Datasheet HTML 577Page - Renesas Technology Corp 32186 Datasheet HTML 578Page - Renesas Technology Corp 32186 Datasheet HTML 579Page - Renesas Technology Corp 32186 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 1032 page
background image
SERIAL INTERFACE
12
12-28
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(5) CKPOL (Transfer/Receive Clock Polarity Select) bit (Bit 7)
This bit is used to select the transmit/receive clock polarity in the CSIO mode.
By setting this bit to “0,” a data is output from the TXD pin synchronously with SCLK falling edge, and
a data is fetched from the RXD pin synchronously with SCLK rising edge.
By setting this bit to “1,” a data is output from the TXD pin synchronously with SCLK rising edge, and
a data is fetched from the RXD pin synchronously with SCLK falling edge.
Note: • Change the SIO special mode register value in the inhibiting state for both transmit enable
bit and receive enable bit.
Figure 12.2.9 Selection of Transmit/Receive Clock Polarity
RXD
Transmit/receive clock
TXD
RXD
Transmit/receive clock
TXD
Note: • "L" level is output from the SCLKO pin when no data is transmitted and received during internal clock selection.
(1) When clock polarity select bit = "0"
(2) When clock polarity select bit = "1"
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com