Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 564Page - Renesas Technology Corp 32186 Datasheet HTML 565Page - Renesas Technology Corp 32186 Datasheet HTML 566Page - Renesas Technology Corp 32186 Datasheet HTML 567Page - Renesas Technology Corp 32186 Datasheet HTML 568Page - Renesas Technology Corp 32186 Datasheet HTML 569Page - Renesas Technology Corp 32186 Datasheet HTML 570Page - Renesas Technology Corp 32186 Datasheet HTML 571Page - Renesas Technology Corp 32186 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 1032 page
background image
SERIAL INTERFACE
12
12-20
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
12.2.5 SIO Receive Buffer Registers
SIO0 Receive Buffer Register (S0RXB)
<Address: H'0080 0114>
SIO1 Receive Buffer Register (S1RXB)
<Address: H'0080 0124>
SIO2 Receive Buffer Register (S2RXB)
<Address: H'0080 0134>
SIO3 Receive Buffer Register (S3RXB)
<Address: H'0080 0144>
SIO4 Receive Buffer Register (S4RXB)
<Address: H'0080 0A14>
SIO5 Receive Buffer Register (S5RXB)
<Address: H'0080 0A24>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
RDATA
????????????????
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–15
RDATA
Received data is stored in these bits.
R
–
Received data
The SIO Receive Buffer Registers are used to store the received data. When the serial interface has
finished receiving data, the content of the SIO Receive Shift Register is transferred to the SIO Receive
Buffer Register. These registers are a read-only register.
Data must be LSB-aligned when latching a received data.
According to the conditions of the serial interface mode select bit, the CSIO bit length select bit and the
transfer order select bit, the data corresponding to the specified bit is received from the LSB or MSB side
and an unused MSB side bit is set to “0.”
When reading the content of the SIO Receive Buffer Register after reception is completed, if the serial
interface finishes receiving the next data before the previous data is not read out, an overrun error occurs
and the subsequent received data are not transferred to the Receive Buffer Register.
To restart normal receive operation, clear the Receive Control Register REN (Receive Enable) bit to "0."
Note: • For the 7-bit and 8-bit data formats, the register can be accessed bytewise.
12.2 Serial Interface Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com